Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65286RHDR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65286RHDR
Description  TPS65286 Dual Power Distribution Switches With 4.5-V to 28-V Input Voltage, 6-A Output Current Synchronous Buck Regulator
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65286RHDR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65286RHDR Datasheet HTML 4Page - Texas Instruments TPS65286RHDR Datasheet HTML 5Page - Texas Instruments TPS65286RHDR Datasheet HTML 6Page - Texas Instruments TPS65286RHDR Datasheet HTML 7Page - Texas Instruments TPS65286RHDR Datasheet HTML 8Page - Texas Instruments TPS65286RHDR Datasheet HTML 9Page - Texas Instruments TPS65286RHDR Datasheet HTML 10Page - Texas Instruments TPS65286RHDR Datasheet HTML 11Page - Texas Instruments TPS65286RHDR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
TPS65286
SLVSCG1 – MARCH 2014
www.ti.com
Electrical Characteristics (continued)
TJ = 25°C, VIN = 24 V, fSW = 500 kHz, RnFAULTx = 100 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Fault assertion or de-assertion
TDEGLITCH(OCP)
Switch over current fault deglitch
7
10
13
ms
due to over-current condition
VL_nFAULT
nFAULTx terminal output low voltage
InFAULTx = 1 mA
400
mV
VEN_SWH
SW_EN1/2 high level input voltage
SW_EN1, SW_EN2
2
V
VEN_SWL
SW_EN1/2 low level input voltage
SW_EN1, SW_EN2
0.4
V
RDIS
Discharge resistance(2)
VSW_INx = 5 V, VSW_ENx = 0 V
104
THERMAL SHUTDOWN
TTRIP_BUCK
Rising temperature
160
°C
Thermal protection trip point
THYST_BUCK
Hysteresis
20
°C
TTRIP_SW
Rising temperature
145
°C
Power switch thermal protection trip
point
THYST
Hysteresis
20
°C
(2)
The discharge function is active when the device is disabled (when enable is de-asserted). The discharge function offers a resistive
discharge path for the external storage capacitor.
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS65286


Similar Part No. - TPS65286RHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65280 TI1-TPS65280 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65280RGER TI1-TPS65280RGER Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65280RGET TI1-TPS65280RGET Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65280 TI-TPS65280_15 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65281 TI-TPS65281 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - TPS65286RHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65282 TI-TPS65282 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCHES WITH 4.5-V to 18-V INPUT VOLTAGE, 4-A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS54200 TI1-TPS54200_17 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
TPS54200 TI1-TPS54200 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com