Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10EZ24 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 10EZ24
Description  Silicon 10 WATT Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

10EZ24 Datasheet(HTML) 1 Page - Microsemi Corporation

  10EZ24 Datasheet HTML 1Page - Microsemi Corporation 10EZ24 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet# MSC0324A Date:04/30/99
t
10EZ3.9
thru
10EZ100
8700 E. Thomas Rd.
Scottsdale, AZ 85252
PH: (480) 941-6300
FAX: (480) 947-1503
Silicon
10 WATT
Zener Diodes
Features
Zener Voltage 3.9 to 100V
Voltage Tolerances; + 5%, + 10% (See Note 1)
Low profile cost effective TO-220 package
Maximum Ratings
Junction and Storage Temperatures: - 65
°C to + 175°C
DC Power Dissipation: 10 Watts
Power Derating: 200 mW/
°C above 100°C base temperature (see figure 2)
Forward Voltage @ 2.0A: 1.5 Volts
DIM
INCHES
MILIMETER
MIN
MAX
MIN
MAX
NOTES
A
.390
.415
9.91
10.54
B
.045
.055
1.14
1.40
C
.180
.190
4.57
4.83
D
.245
.260
6.22
6.60
E
.590
.605
14.99
15.37
F
.139
.147
3.53
3.73
DIA.
G
.100
.120
2.54
3.05
H
___
.250
6.35
J
.540
.570
13.72
14.48
K
.190
.210
4.83
5.33
K1
.090
.110
2.29
2.79
L
.021
.025
5.33
6.40
M
.080
.115
2.03
2.92
N
.028
.038
.710
.970
P
.045
.055
1.14
1.40
Mechanical Characteristics
Case:
Industry Standard TO-220
Finish:
All external surfaces are corrosion resistant and
terminal solderable.
Weight:
2.3 grams
Mounting Position:
Any
Thermal Resistance:
5
°C/W (Typical) junction to base.
Polarity:
Standard polarity is anode to base (pin 2)
And pins 1 and 3 are cathode.
Reverse polarity (cathode to base) is also
available with R suffix.
Figure 2
Power Derating Curve
Tab Temperature (
OC)
0
25
50
75
100
125
150
175
12
10
8
6
4
2
0
L
M
K
K1
J
P
D
E
A
G
F
1
2
3
C
B
N


Similar Part No. - 10EZ24

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
10EZ24 NJSEMI-10EZ24 Datasheet
122Kb / 2P
   Silicon 10 WATT Zener Diodes
More results

Similar Description - 10EZ24

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N2971A MICROSEMI-1N2971A Datasheet
103Kb / 2P
   SILICON 10 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
10EZ3.9 NJSEMI-10EZ3.9 Datasheet
122Kb / 2P
   Silicon 10 WATT Zener Diodes
logo
Microsemi Corporation
1N2970 MICROSEMI-1N2970 Datasheet
103Kb / 2P
   Silicon 10 WATT Zener Diodes
logo
Digitron Semiconductors
1N2970 DIGITRON-1N2970 Datasheet
184Kb / 3P
   10 WATT ZENER DIODES
logo
Microsemi Corporation
1N3996 MICROSEMI-1N3996 Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
logo
Naina Semiconductor ltd...
1N2970B NAINA-1N2970B Datasheet
115Kb / 1P
   10 WATT ZENER DIODES
logo
Microsemi Corporation
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Digitron Semiconductors
1N4728 DIGITRON-1N4728 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com