Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3600 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N3600
Description  200mA Low Power, Switching
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3600 Datasheet(HTML) 2 Page - Microsemi Corporation

  1N3600 Datasheet HTML 1Page - Microsemi Corporation 1N3600 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 1N3600

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N3600 CDI-DIODE-1N3600 Datasheet
34Kb / 2P
   SWITCHING DIODES
logo
Microsemi Corporation
1N3600 MICROSEMI-1N3600 Datasheet
147Kb / 3P
   COMPUTER DIODE Switching
logo
National Semiconductor ...
1N3600 NSC-1N3600 Datasheet
138Kb / 1P
   Diode Data
logo
List of Unclassifed Man...
1N3600 ETC1-1N3600 Datasheet
266Kb / 6P
   silicon diode
logo
Fairchild Semiconductor
1N3600 FAIRCHILD-1N3600 Datasheet
336Kb / 10P
   General Purpose Diodes
More results

Similar Description - 1N3600

ManufacturerPart #DatasheetDescription
logo
Rohm
RHU002N06 ROHM-RHU002N06 Datasheet
62Kb / 5P
   Switching (60V, 200mA)
SM6K2 ROHM-SM6K2 Datasheet
88Kb / 5P
   Switching (60V, 200mA)
logo
SUNMATE electronic Co.,...
BAS16HT1G SUNMATE-BAS16HT1G Datasheet
315Kb / 2P
   200mA Surface Mount Switching Diode
logo
Taiwan Semiconductor Co...
BAV19WS-G TSC-BAV19WS-G Datasheet
162Kb / 4P
   200mA, 120V - 250V Switching Diodes
logo
SUNMATE electronic Co.,...
BAS16HT1 SUNMATE-BAS16HT1 Datasheet
304Kb / 2P
   200mA Surface Mount Switching Diode
logo
Rohm
2SK2731T146 ROHM-2SK2731T146 Datasheet
128Kb / 5P
   Interface and switching (30V, 200mA)
2SK2731 ROHM-2SK2731 Datasheet
112Kb / 4P
   Interface and switching (30V, 200mA)
logo
WILLAS ELECTRONIC CORP
MMDL914T1 WILLAS-MMDL914T1 Datasheet
690Kb / 5P
   200mA Speed Switching Diode-100V
logo
Micrel Semiconductor
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
MIC5201 MICREL-MIC5201_05 Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com