Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75201M Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS75201M
Description  Fast-Transient-Response 2-A Low-Dropout Voltage Regulator with Reset
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75201M Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS75201M_15 Datasheet HTML 6Page - Texas Instruments TPS75201M_15 Datasheet HTML 7Page - Texas Instruments TPS75201M_15 Datasheet HTML 8Page - Texas Instruments TPS75201M_15 Datasheet HTML 9Page - Texas Instruments TPS75201M_15 Datasheet HTML 10Page - Texas Instruments TPS75201M_15 Datasheet HTML 11Page - Texas Instruments TPS75201M_15 Datasheet HTML 12Page - Texas Instruments TPS75201M_15 Datasheet HTML 13Page - Texas Instruments TPS75201M_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
t − Time − ms
−100
0
0
3
2
1
4
5
7
6
8
9
10
0
50
−50
IL = 2 A
CL = 100 µF (Tantalum)
VO = 1.5 V
−150
2
1
t − Time − ms
0.3
0.2
0.1
0.4 0.5
0.7
0.6
0.8
0.9
1
0
−100
5.3
0
4.3
IO = 2 A
CO = 100 µF
VO = 3.3 V
100
dv
dt
1 V
s
3
2.7
2
1.5
1.75
2
2.25
2.5
2.75
4
3
3.25
3.5
V −
O
Output Voltage − V
IO = 2 A
TA = 25°C
TA = 125°C
TA = −40°C
4
100
0
t − Time − ms
0
0.3
0.2
0.1
0.4 0.5
0.7
0.6
0.8
0.9
1
IO = 2 A
CO = 100 µF
VO = 1.5 V
3
−100
dv
dt
1 V
s
TPS75201M-EP
SGLS325A – JANUARY 2006 – REVISED JULY 2013
www.ti.com
INPUT VOLTAGE (MIN)
vs
OUTPUT VOLTAGE
LINE TRANSIENT RESPONSE
Figure 12.
Figure 13.
LOAD TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 14.
Figure 15.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links :TPS75201M-EP


Similar Part No. - TPS75201M_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201M-EP TI1-TPS75201M-EP Datasheet
868Kb / 30P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATOR WITH RESET
TPS75201MPWPREP TI1-TPS75201MPWPREP Datasheet
868Kb / 30P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATOR WITH RESET
More results

Similar Description - TPS75201M_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201M-EP TI1-TPS75201M-EP Datasheet
868Kb / 30P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATOR WITH RESET
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201Q TI-TPS75201Q Datasheet
379Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
Monolithic Power System...
MP20046 MPS-MP20046 Datasheet
501Kb / 14P
   Fast Transient Response, 2A Low Dropout Voltage Regulator
logo
Texas Instruments
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200 TI1-TPS7A7200_15 Datasheet
1Mb / 42P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS75125-EP TI1-TPS75125-EP Datasheet
698Kb / 24P
[Old version datasheet]   FAST TRANSIENT RESPONSE 15-A LOW DROPOUT VOLTAGE REGULATOR WITH POWER GOOD
TPS7A7200-EP TI-TPS7A7200-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   2-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com