Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76901-EP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76901-EP
Description  ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76901-EP Datasheet(HTML) 5 Page - Texas Instruments

  TPS76901-EP Datasheet HTML 1Page - Texas Instruments TPS76901-EP Datasheet HTML 2Page - Texas Instruments TPS76901-EP Datasheet HTML 3Page - Texas Instruments TPS76901-EP Datasheet HTML 4Page - Texas Instruments TPS76901-EP Datasheet HTML 5Page - Texas Instruments TPS76901-EP Datasheet HTML 6Page - Texas Instruments TPS76901-EP Datasheet HTML 7Page - Texas Instruments TPS76901-EP Datasheet HTML 8Page - Texas Instruments TPS76901-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TPS76901-HT
www.ti.com
SLVS959D – JUNE 2009 – REVISED NOVEMBER 2013
THERMAL CHARACTERISTICS FOR DBV PACKAGE
DERATING FACTOR
BOARD
RθJC
RθJA
ABOVE TA = 25°C
Low K(1)
65.8 °C/W
259 °C/W
3.9 mW/°C
High K(2)
65.8 °C/W
180 °C/W
5.6 mW/°C
(1)
The JEDEC Low K (1s) board design used to derive this data was a 3-inch x 3-inch, two layer board with 2-ounce copper traces on top
of the board.
(2)
The JEDEC High K (2s2p) board design used to derive this data was a 3-inch x 3-inch, multilayer board with 1-ounce internal power and
ground planes and 2-ounce copper traces on top and bottom of the board.
THERMAL CHARACTERISTICS FOR HKJ OR HKQ PACKAGE
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
to ceramic side of case
5.7
θJC
Junction-to-case thermal resistance
°C/W
to top of case lid (metal side of case)
13.7
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VI
Input votlage(1)
5
10
V
VO
Ouput voltage range
1.2
4.5
V
IO
Continuous output current(2)
0
100
mA
TJ
Operating junction temperature
–55
210
°C
(1)
To calculate the minimum input voltage for your maximum output current, use the following formula:
XXXX VI(min) = VO(max) + VDO(max load).
(2)
Continuous output current and operating junction temperature are limited by internal protection circuitry, but it is not recommended that
the device operate under conditions beyond those specified in this table for extended periods of time.
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ = 25°C
VO
TJ = –55°C to 125°C
0.95VO
1.03VO
Output voltage
VO
1.2 V
≤ VO ≤ 4.5 V
V
(10
μA to 100 mA load)(1)
TJ = 175°C
0.84VO
1.03VO
TJ = 210°C
0.84VO
1.03VO
EN = 0 V,
TJ = 25°C
17
0 mA < IO < 100 mA
Quiescent Current
TJ = –55°C to 125°C
28
IQ
μA
(GND current)(1) (2)
EN = 4 V,
TJ = 175°C
23
28
IO = 100 mA
TJ = 210°C
335
TJ = 25°C
12
EN = 0 V,
Load regulation
TJ = 175°C
16.5
mV
IO = 0 to 100 mA
TJ = 210°C
23.4
TJ = 25°C
0.04
TJ = –55°C to 125°C
0.1
Output voltage line regulation
5 V
≤ VI ≤ 10 V
(1)
%
(
ΔVO/VO)
(2)
TJ = 175°C
0.275
TJ = 210°C
0.34
BW = 300 Hz to 50 kHz,
VN
Output noise voltage
TJ = 25°C
190
μVms
CO = 10 μF
(1)
Minimum IN operating voltage is 5V. Maximum IN voltage 10 V, minimum output current 10
μA, maximum output current 100 mA.
(2)
Line Regulation (%) = (
Δ VOUT) / (Δ VIN) x 100
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS76901-HT


Similar Part No. - TPS76901-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76901-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com