Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C86BLE-G Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT93C86BLE-G
Description  16-Kb Microwire Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C86BLE-G Datasheet(HTML) 3 Page - ON Semiconductor

  CAT93C86BLE-G Datasheet HTML 1Page - ON Semiconductor CAT93C86BLE-G Datasheet HTML 2Page - ON Semiconductor CAT93C86BLE-G Datasheet HTML 3Page - ON Semiconductor CAT93C86BLE-G Datasheet HTML 4Page - ON Semiconductor CAT93C86BLE-G Datasheet HTML 5Page - ON Semiconductor CAT93C86BLE-G Datasheet HTML 6Page - ON Semiconductor CAT93C86BLE-G Datasheet HTML 7Page - ON Semiconductor CAT93C86BLE-G Datasheet HTML 8Page - ON Semiconductor CAT93C86BLE-G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT93C86B
http://onsemi.com
3
Table 6. A.C. TEST CONDITIONS
Input Rise and Fall Times
≤ 50 ns
Input Pulse Voltages
0.4 V to 2.4 V
4.5 V ≤ VCC ≤ 5.5 V
Timing Reference Voltages
0.8 V, 2.0 V
4.5 V ≤ VCC ≤ 5.5 V
Input Pulse Voltages
0.2 VCC to 0.7 VCC
1.65 V ≤ VCC ≤ 4.5 V
Timing Reference Voltages
0.5 VCC
1.65 V ≤ VCC ≤ 4.5 V
Output Load
Current Source IOLmax/IOHmax; CL = 100 pF
4. These parameters are tested initially and after a design or process change that affects the parameter.
5. tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
Table 7. A.C. CHARACTERISTICS
(VCC = +1.8 V to +5.5 V, TA = −40°C to +125°C, VCC = +1.65 V to +5.5 V, TA = −20°C to +85°C unless otherwise specified.)
Symbol
Parameter
VCC < 4.5 V
VCC > 4.5 V
Units
Min
Max
Min
Max
tCSS
CS Setup Time
50
50
ns
tCSH
CS Hold Time
0
0
ns
tDIS
DI Setup Time
100
50
ns
tDIH
DI Hold Time
100
50
ns
tPD1
Output Delay to 1
0.25
0.1
ms
tPD0
Output Delay to 0
0.25
0.1
ms
tHZ (Note 6)
Output Delay to High−Z
100
100
ns
tEW
Program/Erase Pulse Width
5
5
ms
tCSMIN
Minimum CS Low Time
0.25
0.1
ms
tSKHI
Minimum SK High Time
0.25
0.1
ms
tSKLOW
Minimum SK Low Time
0.25
0.1
ms
tSV
Output Delay to Status Valid
0.25
0.1
ms
SKMAX
Maximum Clock Frequency
DC
2000
DC
4000
kHz
6. This parameter is tested initially and after a design or process change that affects the parameter.
Table 8. INSTRUCTION SET
Instruction
Start
Bit
Opcode
Address
Data
Comments
x8
x16
x8
x16
READ
1
10
A10−A0
A9−A0
Read Address AN– A0
ERASE
1
11
A10−A0
A9−A0
Clear Address AN– A0
WRITE
1
01
A10−A0
A9−A0
D7−D0
D15−D0
Write Address AN– A0
EWEN
1
00
11XXXXXXXXX
11XXXXXXXX
Write Enable
EWDS
1
00
00XXXXXXXXX
00XXXXXXXX
Write Disable
ERAL*
1
00
10XXXXXXXXX
10XXXXXXXX
Clear All Addresses
WRAL*
1
00
01XXXXXXXXX
01XXXXXXXX
D7−D0
D15−D0
Write All Addresses
*Not available at VCC < 1.8 V


Similar Part No. - CAT93C86BLE-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
CAT93C86 CATALYST-CAT93C86 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86 ONSEMI-CAT93C86 Datasheet
49Kb / 1P
   High Speed Operation: 4 MHz (5 V), 2 MHz (1.8 V) Sequential Read
6/13/2013
More results

Similar Description - CAT93C86BLE-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C86P ONSEMI-CAT93C86P Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
NV93C86WF ONSEMI-NV93C86WF Datasheet
175Kb / 9P
   EEPROM Serial 16-Kb Microwire
May, 2018 ??Rev. 1
CAT93C86SI ONSEMI-CAT93C86SI Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAV93C86 ONSEMI-CAV93C86 Datasheet
151Kb / 9P
   16 Kb Microwire Serial EEPROM
May, 2013 ??Rev. 0
CAT93C86W ONSEMI-CAT93C86W Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C86 ONSEMI-CAT93C86_14 Datasheet
98Kb / 10P
   16 Kb Microwire Serial EEPROM
December, 2014 ??Rev. 13
CAT93C86VI ONSEMI-CAT93C86VI Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
   EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com