Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C86VI-GT3 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT93C86VI-GT3
Description  16K-Bit Microwire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C86VI-GT3 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT93C86VI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT93C86VI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT93C86VI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT93C86VI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT93C86VI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT93C86VI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT93C86VI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT93C86VI-GT3 Datasheet HTML 9Page - ON Semiconductor CAT93C86VI-GT3 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CAT93C86 (Rev. C)
Doc. No. MD-1091 Rev. S
6
© 2009 SCILLC. All rights reserved
Characteristics subject to change without notice
Erase
Upon receiving an ERASE command and address,
the CS (Chip Select) pin must be deasserted for a
minimum of tCSMIN. The falling edge of CS will start the
self clocking clear cycle of the selected memory
location. The clocking of the SK pin is not necessary
after the device has entered the self clocking mode.
The ready/busy status of the CAT93C86 can be
determined by selecting the device and polling the DO
pin. Once cleared, the content of a cleared location
returns to a logical “1” state.
Erase/Write Enable and Disable
The CAT93C86 powers up in the write disable state.
Any writing after power-up or after an EWDS (write
disable) instruction must first be preceded by the
EWEN (write enable) instruction. Once the write
instruction is enabled, it will remain enabled until
power to the device is removed, or the EWDS
instruction is sent. The EWDS instruction can be used
to disable all CAT93C86 write and clear instructions,
and will prevent any accidental writing or clearing of
the device. Data can be read normally from the device
regardless of the write enable/disable status.
Erase All
Upon receiving an ERAL command, the CS (Chip
Select) pin must be deselected for a minimum of
tCSMIN. The falling edge of CS will start the self clocking
clear cycle of all memory locations in the device. The
clocking of the SK pin is not necessary after the
device has entered the self clocking mode. The
ready/busy status of the CAT93C86 can be
determined by selecting the device and polling the DO
pin. Once cleared, the contents of all memory bits
return to a logical “1” state.
Write All
Upon receiving a WRAL command and data, the CS
(Chip Select) pin must be deselected for a minimum of
tCSMIN. The falling edge of CS will start the self clocking
data write to all memory locations in the device. The
clocking of the SK pin is not necessary after the
device has entered the self clocking mode. The
ready/busy status of the CAT93C86 can be
determined by selecting the device and polling the DO
pin. It is not necessary for all memory locations to be
cleared before the WRAL command is executed.
Figure 4. Erase Instruction Timing
SK
CS
DI
DO
STANDBY
HIGH-Z
HIGH-Z
1
AN
AN-1
BUSY
READY
STATUS VERIFY
tSV
tHZ
tEW
tCS
11
A0


Similar Part No. - CAT93C86VI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86VI-GT3 CATALYST-CAT93C86VI-GT3 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86VI-GT3 ONSEMI-CAT93C86VI-GT3 Datasheet
49Kb / 1P
   High Speed Operation: 4 MHz (5 V), 2 MHz (1.8 V) Sequential Read
6/13/2013
CAT93C86VI-GT3 ONSEMI-CAT93C86VI-GT3 Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C86VI-GT3 ONSEMI-CAT93C86VI-GT3 Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C86VI-GT3 ONSEMI-CAT93C86VI-GT3 Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
More results

Similar Description - CAT93C86VI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
logo
Microchip Technology
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A Datasheet
494Kb / 28P
   16K Microwire Compatible Serial EEPROM
2005
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
logo
Fairchild Semiconductor
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com