Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C86XI-T2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT93C86XI-T2
Description  16K-Bit Microwire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C86XI-T2 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT93C86XI-T2 Datasheet HTML 1Page - ON Semiconductor CAT93C86XI-T2 Datasheet HTML 2Page - ON Semiconductor CAT93C86XI-T2 Datasheet HTML 3Page - ON Semiconductor CAT93C86XI-T2 Datasheet HTML 4Page - ON Semiconductor CAT93C86XI-T2 Datasheet HTML 5Page - ON Semiconductor CAT93C86XI-T2 Datasheet HTML 6Page - ON Semiconductor CAT93C86XI-T2 Datasheet HTML 7Page - ON Semiconductor CAT93C86XI-T2 Datasheet HTML 8Page - ON Semiconductor CAT93C86XI-T2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CAT93C86 (Rev. C)
© 2009 SCILLC. All rights reserved
3
Doc. No. MD-1091 Rev. S
Characteristics subject to change without notice
PIN CAPACITANCE
(1)
Symbol
Test
Conditions
Min
Typ
Max
Units
COUT
Output Capacitance (DO)
VOUT = 0 V
5
pF
CIN
Input Capacitance (CS, SK, DI, ORG)
VIN = 0 V
5
pF
POWER-UP TIMING
(1)(2)
Symbol
Parameter
Max
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
A.C. TEST CONDITIONS
Input Rise and Fall Times
≤ 50 ns
Input Pulse Voltages
0.4 V to 2.4 V
4.5 V ≤ VCC ≤ 5.5 V
Timing Reference Voltages
0.8 V, 2.0 V
4.5 V ≤ VCC ≤ 5.5 V
Input Pulse Voltages
0.2 x VCC to 0.7 x VCC
1.8 V ≤ VCC ≤ 4.5 V
Timing Reference Voltages
0.5 x VCC
1.8 V ≤ VCC ≤ 4.5 V
A.C. CHARACTERISTICS
VCC =
1.8 V - 5.5 V
VCC =
2.5 V - 5.5 V
VCC =
4.5 V - 5.5 V
Symbol Parameter
Test
Conditions
Min
Max
Min
Max
Min
Max
Units
tCSS
CS Setup Time
200
100
50
ns
tCSH
CS Hold Time
0
0
0
ns
tDIS
DI Setup Time
200
100
50
ns
tDIH
DI Hold Time
200
100
50
ns
tPD1
Output Delay to 1
1
0.5
0.15
µs
tPD0
Output Delay to 0
CL = 100
F
(3)
1
0.5
0.15
µs
tHZ
(1)
Output Delay to High-Z
400
200
100
ns
tEW
Program/Erase Pulse Width
5
5
5
ms
tCSMIN
Minimum CS Low Time
1
0.5
0.15
µs
tSKHI
Minimum SK High Time
1
0.5
0.15
µs
tSKLOW
Minimum SK Low Time
1
0.5
0.15
µs
tSV
Output Delay to Status Valid
1
0.5
0.1
µs
SKMAX
Maximum Clock Frequency
DC
500
DC
1000
DC
3000
kHz
Notes:
(1) These parameters are tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
(3) The input levels and timing reference points are shown in the “AC Test Conditions” table.


Similar Part No. - CAT93C86XI-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C86XI-T2 ONSEMI-CAT93C86XI-T2 Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C86XI-T2 ONSEMI-CAT93C86XI-T2 Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C86XI-T2 ONSEMI-CAT93C86XI-T2 Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C86XI-T2 ONSEMI-CAT93C86XI-T2 Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
CAT93C86XI-T2 ONSEMI-CAT93C86XI-T2 Datasheet
98Kb / 10P
   16 Kb Microwire Serial EEPROM
December, 2014 ??Rev. 13
More results

Similar Description - CAT93C86XI-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
logo
Microchip Technology
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A Datasheet
494Kb / 28P
   16K Microwire Compatible Serial EEPROM
2005
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
logo
Fairchild Semiconductor
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com