Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3720XM7 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS3720XM7
Description  2A H-Bridge Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3720XM7 Datasheet(HTML) 4 Page - ON Semiconductor

  CS3720XM7 Datasheet HTML 1Page - ON Semiconductor CS3720XM7 Datasheet HTML 2Page - ON Semiconductor CS3720XM7 Datasheet HTML 3Page - ON Semiconductor CS3720XM7 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Part Number
Description
CS3720XT7
7 Lead TO-220 Straight
CS3720XTVA7
7 Lead TO-220 Vertical
CS3720XTHA7
7 Lead TO-220 Horizontal
CS3720XM7
7 Lead Power SIP Straight
CS3720XDPS7
7 Lead D2PAK Short-Leaded
CS3720XDPSR7
7 Lead D2PAK Short-Leaded
(tape & reel)
4
7L
7L
7L
Thermal Data
D2PAK TO-220
Power SIP
RΘJC typ
2.1
2.1
2.1
°C/W
RΘJA typ
10-50*
50
35
°C/W
*Depending on thermal properties of substrate. RΘJA=RΘJC +RΘCA.
Package Specification
Ordering Information
PACKAGE THERMAL DATA
PACKAGE DIMENSIONS IN mm (INCHES)
ON Semiconductor and the ON Logo are trademarks of
Semiconductor Components Industries, LLC (SCILLC). ON
Semiconductor reserves the right to make changes without
further notice to any products herein. For additional infor-
mation and the latest available information, please contact
your local ON Semiconductor representative.
© Semiconductor Components Industries, LLC, 2000
7 Lead TO-220 (T) Straight
2.87 (.113)
2.62 (.103)
9.78 (.385)
10.54 (.415)
1.40 (.055)
1.14 (.045)
0.64 (.025)
0.38 (.015)
0.56 (.022)
0.36 (.014)
1.40 (.055)
1.14 (.045)
4.83 (.190)
4.06 (.160)
14.22 (.560)
13.72 (.540)
0.94 (.037)
0.58 (.023)
7.75 (.305)
7.49 (.295)
2.92 (.115)
2.29 (.090)
3.71 (.146)
3.96 (.156)
14.99 (.590)
14.22 (.560)
6.55 (.258)
5.94 (.234)
7 Lead Power SIP (M) Straight
20.02 (.788)
15.24 (.600)
17.50 (.689)
10.69 (.421)
0.79 (.031)
MAX.
10.9 (.429)
1.1 (.043)
2.54 (.100)
7 Lead D2PAK (DPS)* Short-Leaded
1.98 (.078)
1.47 (.058)
14.71 (.579)
13.69 (.539)
4.57 (.180)
4.31 (.170)
1.40 (.055)
1.14 (.045)
2.79 (.110)
2.54 (.100)
TERMINAL 8
7.75 (.305)
REF
6.50 (.256) REF
10.31 (.406)
10.05 (.396)
1.27 (.050)
REF
1.68 (.066)
1.40 (.055)
.254 (.010)
REF
0.91 (.036)
0.66 (.026)
8.53 (.336)
8.28 (.326)
0.10 (.004)
0.00 (.000)
*ON SEMICONDUCTOR SHORT-LEADED FOOTPRINT


Similar Part No. - CS3720XM7

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3720XM7 CHERRY-CS3720XM7 Datasheet
159Kb / 4P
   2A H-Bridge Driver
More results

Similar Description - CS3720XM7

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3720 CHERRY-CS3720 Datasheet
159Kb / 4P
   2A H-Bridge Driver
logo
Monolithic Power System...
EV6516-F-00A MPS-EV6516-F-00A Datasheet
497Kb / 5P
   2A, 35V, H-Bridge Motor Driver Evaluation Board
EV6515-F-00A MPS-EV6515-F-00A Datasheet
508Kb / 5P
   2A, 35V, H-Bridge Motor Driver Evaluation Board
logo
Microsemi Corporation
SG1635 MICROSEMI-SG1635 Datasheet
49Kb / 5P
   2A, HALF-BRIDGE DRIVER
logo
Rohm
BD62222HFP ROHM-BD62222HFP Datasheet
284Kb / 11P
   H-bridge driver
logo
New Japan Radio
NJM2675 NJRC-NJM2675 Datasheet
300Kb / 8P
   H BRIDGE DRIVER
logo
Rohm
BD62321HFP ROHM-BD62321HFP Datasheet
259Kb / 11P
   H-bridge driver
logo
IXYS Corporation
IX2R11 IXYS-IX2R11 Datasheet
616Kb / 6P
   2A Half-Bridge Driver
logo
Freescale Semiconductor...
MC33186VW2R2 FREESCALE-MC33186VW2R2 Datasheet
659Kb / 24P
   H-Bridge Driver
33186 FREESCALE-33186_11 Datasheet
477Kb / 24P
   H-Bridge Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com