Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK984-090A-E Datasheet(PDF) 8 Page - ON Semiconductor

Part # STK984-090A-E
Description  3-phase Brushless DC Motor Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK984-090A-E Datasheet(HTML) 8 Page - ON Semiconductor

Back Button STK984-090A-E Datasheet HTML 4Page - ON Semiconductor STK984-090A-E Datasheet HTML 5Page - ON Semiconductor STK984-090A-E Datasheet HTML 6Page - ON Semiconductor STK984-090A-E Datasheet HTML 7Page - ON Semiconductor STK984-090A-E Datasheet HTML 8Page - ON Semiconductor STK984-090A-E Datasheet HTML 9Page - ON Semiconductor STK984-090A-E Datasheet HTML 10Page - ON Semiconductor STK984-090A-E Datasheet HTML 11Page - ON Semiconductor STK984-090A-E Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
STK984-090A-E
NoA2290-8/20
Application Circuit
NOTE
1. A voltage overshoot with vibration will be occurred during a switching operation due to floating inductance of the
power source wiring connected between terminal +B1 and PG. In order that the voltage overshoot between +B1 and
PG, +B1 and each –UBW, each UVW and PG will not exceed its rating, please minimize wiring inductance by
shortening the wiring, also connect a snubber circuit close to between +B1 and PG terminals.
2. With the object of the over current protection circuit fail-safe design, inserting a fuse in +B1 line is recommended.
3. There is a 100k
 (Typ) pull-down resister connected inside of the signal input terminal. However, in the case of
mounting a resister externally to reduce noise due to wiring, please satisfy the input voltage threshold of this
Hybrid-IC.
4. Terminal DIAG 1 and DIAG 2 are the open drain output configuration. Please pull up with 4.7k
 resister to 5V
power supply.
5. There is a 100k
 (Typ) pull-up resister connected inside of the RESET terminal. It operates normally in the open-
state. When the short-circuit protection operates and latches the output OFF, the latched output OFF can be released
by making RESET terminal Low and re-opened.
M
U: 12, 13
V: 14, 15
W: 16, 17
DIAG1: 10
DIAG2: 11
4.7k
4.7k
5V(DC)
RESET: 3
S1: 22
S2: 23
+B1: 20, 21
PG: 18, 19
+
+B2: 1
+
SG: 2
8 to 18V(DC)
UT: 4
VT: 5
WT: 6
UB: 7
VB: 8
WB: 9
STK984-090A-E
2.2
F


Similar Part No. - STK984-090A-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK984-091A-E ONSEMI-STK984-091A-E Datasheet
69Kb / 7P
   3-phase Brush-less DC Motor Driver IC
April, 2013
More results

Similar Description - STK984-090A-E

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4938 ALLEGRO-A4938_16 Datasheet
247Kb / 10P
   3-Phase Brushless DC Motor Pre-Driver
2936-120 ALLEGRO-2936-120 Datasheet
211Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
2936-120 ALLEGRO-2936-120_02 Datasheet
146Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
logo
Feeling Technology Corp...
FD036KT FEELING-FD036KT Datasheet
148Kb / 11P
   Sensorless 3-phase brushless DC Motor driver
logo
Toshiba Semiconductor
TA7259P TOSHIBA-TA7259P_06 Datasheet
423Kb / 18P
   3-PHASE BRUSHLESS DC MOTOR DRIVER IC
logo
Allegro MicroSystems
A4931 ALLEGRO-A4931_16 Datasheet
244Kb / 9P
   3-Phase Brushless DC Motor Pre-Driver
A4936 ALLEGRO-A4936 Datasheet
204Kb / 9P
   3-Phase Brushless DC Motor Pre-Driver
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com