Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC88FC2H0B Datasheet(PDF) 6 Page - ON Semiconductor

Part # LC88FC2H0B
Description  16-bit Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC2H0B Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LC88FC2H0B Datasheet HTML 2Page - ON Semiconductor LC88FC2H0B Datasheet HTML 3Page - ON Semiconductor LC88FC2H0B Datasheet HTML 4Page - ON Semiconductor LC88FC2H0B Datasheet HTML 5Page - ON Semiconductor LC88FC2H0B Datasheet HTML 6Page - ON Semiconductor LC88FC2H0B Datasheet HTML 7Page - ON Semiconductor LC88FC2H0B Datasheet HTML 8Page - ON Semiconductor LC88FC2H0B Datasheet HTML 9Page - ON Semiconductor LC88FC2H0B Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
LC88FC2H0B
www.onsemi.com
6
 Oscillator circuits
 RC oscillator circuit (internal)
: For system clock
 CF oscillator circuit ( built-in Rf circuit )
: For system clock( OSC1 )
 Crystal oscillator circuit ( built-in Rf circuit ) : For low-speed system clock (OSC0)
 SLRC oscillator circuit (internal)
: For system clock (In the case of exception processing)
 VCO oscillator circuit
: For timer3, 4, 5, 6, 7 clock
 System clock divider function
 Can run on low current.
 1/1 to 1/128 of the system clock frequency can be set.
 Standby function
 HALT mode : Halts instruction execution while allowing the peripheral circuits to continue operation.
<1> Oscillation is not stopped automatically.
<2> Released by a system reset or occurrence of an interrupt.
 HOLD mode : Suspends instruction execution and the operation of the peripheral circuits.
<1> OSC1, RC, and OSC0 oscillations automatically stop.
<2> There are six ways of releasing the HOLD mode:
(1) Setting the reset pin to the low level
(2) Setting at least one of the INT0, INT1, INT2, INT4, INT5, INT6, and INT7 pins to the specified
level
(3) Having an interrupt source established at port 0
(4) Having an interrupt source established at port 5
(5) Having an interrupt established at SIO0, SIO1 or SIO4
(6) Having an interrupt established at UART2 or UART3
 HOLDX mode : Suspends instruction execution and the operation of the peripheral circuits except those
which run on OSC0.
<1> OSC1 and RC oscillations automatically stop.
<2> OSC0 maintains the state that is established when the HOLDX mode is entered.
<3> There are nine ways of releasing the HOLDX mode.
(1) Setting the reset pin to the low level
(2) Setting at least one of the INT0, INT1, INT2, INT4, INT5, INT6,and INT7 pins to the specified
level
(3) Having an interrupt source established at port 0
(4) Having an interrupt source established at port 5
(5) Having an interrupt source established at the base timer circuit
(6) Having an interrupt established at SIO0, SIO1 or SIO4
(7) Having an interrupt established at UART2 or UATR3
(8) Having an interrupt established at Infared remote control receiver.
(9) Having an interrupt source established at the real time clock circuit
 On-chip debugger function
 Supports software debugging with the IC mounted on the target board.
 Supports source line debugging and tracing functions, and breakpoint setting and real time display.
 Single-wire communication
 Package form
 TQFP100, 14  14 : Pb-Free and Halogen Free type


Similar Part No. - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
More results

Similar Description - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com