Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIR11-21C-L11-TR8 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # HIR11-21C-L11-TR8
Description  1206 Package Chip Infrared LED With Inner Lens
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HIR11-21C-L11-TR8 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  HIR11-21C-L11-TR8_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd HIR11-21C-L11-TR8_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd HIR11-21C-L11-TR8_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd HIR11-21C-L11-TR8_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd HIR11-21C-L11-TR8_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd HIR11-21C-L11-TR8_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd HIR11-21C-L11-TR8_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd HIR11-21C-L11-TR8_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd HIR11-21C-L11-TR8_15 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2013-06-04 12:13:29.0
Data Sheet
1206 Package Chip Infrared LED With Inner Lens
HIR11-21C/L11/TR8
7
Copyright © 2013, Everlight All Rights Reserved. Release Date : 5/28/2013. Issue No: DIR-0000947. Rev:3
www.everlight.com
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than350℃ for 3
seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more
intervals, and do soldering of each terminal. Be careful because the damage of the product is often
started at the time of the hand solder.
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is
unavoidable, a double-head soldering iron should be used (as below figure). It should be confirmed
beforehand whether the characteristics of the LEDs will or will not be damaged by repairing.


Similar Part No. - HIR11-21C-L11-TR8_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR11-21C-L11-TR8 EVERLIGHT-HIR11-21C-L11-TR8 Datasheet
261Kb / 10P
   1206 Package Chip Infrared LED With Inner Lens
More results

Similar Description - HIR11-21C-L11-TR8_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR11-21C-L11-TR8 EVERLIGHT-HIR11-21C-L11-TR8 Datasheet
261Kb / 10P
   1206 Package Chip Infrared LED With Inner Lens
IR11-21C-TR8 EVERLIGHT-IR11-21C-TR8_15 Datasheet
233Kb / 9P
   1206 Package Chip Infrared LED With Inner Lens
EAIST3015A0 EVERLIGHT-EAIST3015A0 Datasheet
545Kb / 9P
   1206 Package Chip Infrared LED With Inner Lens
EAIST3015A1 EVERLIGHT-EAIST3015A1 Datasheet
508Kb / 9P
   1206 Package Infrared Chip LED With Inner Lens
EAIST3015A2 EVERLIGHT-EAIST3015A2 Datasheet
342Kb / 9P
   1206 Package Chip Infrared LED With Inner Lens
logo
HK TO-GRACE TECHNOLOGY ...
11-21-GHC-YT1U2-2T TO-GRACE-11-21-GHC-YT1U2-2T Datasheet
672Kb / 10P
   1206 Package Chip LED with Inner Lens
logo
Everlight Electronics C...
11-21-G6C-FN2P2B-2T EVERLIGHT-11-21-G6C-FN2P2B-2T Datasheet
254Kb / 10P
   1206 Package Chip LED with Inner lens
11-21-R6C-AP1Q2LZ-2T EVERLIGHT-11-21-R6C-AP1Q2LZ-2T Datasheet
235Kb / 10P
   1206 Package Chip LED with Inner lens
logo
HK TO-GRACE TECHNOLOGY ...
11-21-R6C-AP1Q2LZ-2T TO-GRACE-11-21-R6C-AP1Q2LZ-2T Datasheet
1Mb / 10P
   1206 Package Chip LED with Inner lens
11-21-Y2C-CP2Q2B-2T TO-GRACE-11-21-Y2C-CP2Q2B-2T Datasheet
595Kb / 10P
   1206 Package Chip LED with Inner lens
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com