Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N2995B Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N2995B
Description  Silicon 10 WATT Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N2995B Datasheet(HTML) 2 Page - Microsemi Corporation

  1N2995B Datasheet HTML 1Page - Microsemi Corporation 1N2995B Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 1N2995B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N2995B MICROSEMI-1N2995B Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
1N2995B MICROSEMI-1N2995B Datasheet
103Kb / 2P
   SILICON 10 WATT ZENER DIODES
logo
Naina Semiconductor ltd...
1N2995B NAINA-1N2995B Datasheet
107Kb / 1P
   Zener Diodes
1N2995B NAINA-1N2995B Datasheet
115Kb / 1P
   10 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N2995B NJSEMI-1N2995B Datasheet
135Kb / 2P
   10W ZENER DIODE 6.8 VOLTS TO 200 VOLTS 5% TOLERANCE
More results

Similar Description - 1N2995B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
10EZ39 MICROSEMI-10EZ39 Datasheet
69Kb / 2P
   Silicon 10 WATT Zener Diodes
1N2971A MICROSEMI-1N2971A Datasheet
103Kb / 2P
   SILICON 10 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
10EZ3.9 NJSEMI-10EZ3.9 Datasheet
122Kb / 2P
   Silicon 10 WATT Zener Diodes
logo
Digitron Semiconductors
1N2970 DIGITRON-1N2970 Datasheet
184Kb / 3P
   10 WATT ZENER DIODES
logo
Microsemi Corporation
1N3996 MICROSEMI-1N3996 Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
logo
Naina Semiconductor ltd...
1N2970B NAINA-1N2970B Datasheet
115Kb / 1P
   10 WATT ZENER DIODES
logo
Microsemi Corporation
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Digitron Semiconductors
1N4728 DIGITRON-1N4728 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com