Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIR67-21C-L11-TR8 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # HIR67-21C-L11-TR8
Description  Compatible with infrared and vapor phase reflow solder process
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HIR67-21C-L11-TR8 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  HIR67-21C-L11-TR8_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd HIR67-21C-L11-TR8_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd HIR67-21C-L11-TR8_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd HIR67-21C-L11-TR8_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd HIR67-21C-L11-TR8_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd HIR67-21C-L11-TR8_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd HIR67-21C-L11-TR8_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DATASHEET
HIR67-21C/L11/TR8
4
Copyright © 2010, Everlight All Rights Reserved. Release Date : MAY.20.2013. Issue No: DIR-0000955
www.everlight.com
0
-25
0
40
20
60
100
80
20
40
60
100
80
120
140
790
0
20
40
60
80
100
890
850
810 830
870
930
910
950
IF=20mA
Ta=25° C
0
10
1
10
10
2
3
10
4
2
1
3
4
5
6
7
8
0
IF-Forward Current (mA)
10
10
0
10
1
10
2
3
10
4
1
10
100
Typical Electrical/Optical/Characteristics Curves for IR
Power Dissipation vs. Ambient Temperature
Spectral Distribution
Forward Current vs. Forward Voltage
Relative Intensity vs. Forward Current


Similar Part No. - HIR67-21C-L11-TR8_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR67-21C-L11-TR8 EVERLIGHT-HIR67-21C-L11-TR8 Datasheet
183Kb / 10P
   Top Infrared LED
More results

Similar Description - HIR67-21C-L11-TR8_15

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C930CKT LITEON-LTST-C930CKT Datasheet
359Kb / 6P
   Compatible with infrared and vapor phase reflow solder process
LTST-C230KSKT LITEON-LTST-C230KSKT Datasheet
642Kb / 11P
   Compatible with Infrared and Vapor phase reflow solder process
logo
Grayhill, Inc
76HPSB02GWRTRT GRAYHILL-76HPSB02GWRTRT Datasheet
225Kb / 1P
   Compatible with SMT Assembly Including Infrared Reflow and Vapor-Phase
78HJ01GWT GRAYHILL-78HJ01GWT Datasheet
238Kb / 1P
   Compatible with SMT Assembly Including Infrared Reflow and Vapor-Phase
76HPSB10GWT GRAYHILL-76HPSB10GWT Datasheet
225Kb / 1P
   Compatible with SMT Assembly Including Infrared Reflow and Vapor-Phase
logo
P-tec Corporation
PL00134-WCRB1811 P-TEC-PL00134-WCRB1811 Datasheet
1Mb / 9P
   Compatible with reflow solder process
PL00134-WCBY1106 P-TEC-PL00134-WCBY1106 Datasheet
1Mb / 9P
   Compatible with reflow solder process
PL00134-WCRG0817 P-TEC-PL00134-WCRG0817 Datasheet
1Mb / 9P
   Compatible with reflow solder process
PL00134-WCRY1806 P-TEC-PL00134-WCRY1806 Datasheet
1Mb / 9P
   Compatible with reflow solder process
PL00134-WCRG1825 P-TEC-PL00134-WCRG1825 Datasheet
1Mb / 9P
   Compatible with reflow solder process
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com