Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4773 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4773
Description  RP SMA Male Connector Clamp - Solder Attachment For RG178, RG196
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4773 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4773 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4773 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP SMA Male Connector Clamp/Solder Attachment For RG178, RG196
Configuration
Connector
SMA Male Reverse Polarity
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.725 [18.42]
Width/Dia., in [mm]
0.312 [7.92]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male Reverse Polarity
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP SMA Male Connector Clamp/Solder Attachment For RG178, RG196 from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Male Connector Clamp/Solder Attachment For RG178, RG196 PE4773
URL: http://www.pasternack.com/sma-male-reverse-polarity-rg178-rg196-connector-pe4773-p.aspx
PE4773
PE4773 REV 01
RP SMA Male Connector Clamp/Solder
Attachment For RG178, RG196


Similar Part No. - PE4773

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4770 PASTERNACK-PE4770 Datasheet
296Kb / 3P
   RP SMA Male Connector Clamp - Solder Attachment For RG174, RG316, RG188
PE4771 PASTERNACK-PE4771 Datasheet
213Kb / 2P
   RP SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4772 PASTERNACK-PE4772 Datasheet
87Kb / 1P
   PASTERNACK ENTERPRISES
PE4774 PASTERNACK-PE4774 Datasheet
210Kb / 2P
   RP SMA Male Connector Crimp - Solder Attachment For RG178, RG196
PE4775 PASTERNACK-PE4775 Datasheet
95Kb / 1P
   REVERSE POLARITY SMA MALE SOLDER ATTACHMENT FOR RG178 & RG196
More results

Similar Description - PE4773

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4850 PASTERNACK-PE4850 Datasheet
277Kb / 2P
   RP SMA Female Connector Clamp/Solder Attachment For RG178, RG196
PE4787 PASTERNACK-PE4787 Datasheet
225Kb / 2P
   RP SMA Male Right Angle Connector Clamp/ Solder Attachment For RG178, RG196
PE4214 PASTERNACK-PE4214 Datasheet
210Kb / 2P
   SMA Male Connector Clamp/Solder Attachment For RG178, RG196
PE4774 PASTERNACK-PE4774 Datasheet
210Kb / 2P
   RP SMA Male Connector Crimp - Solder Attachment For RG178, RG196
PE4789 PASTERNACK-PE4789 Datasheet
252Kb / 2P
   RP SMA Male Right Angle Connector Solder Attachment For RG178, RG196
PE4108 PASTERNACK-PE4108 Datasheet
206Kb / 2P
   SMA Male Right Angle Connector Clamp/ Solder Attachment For RG178, RG196
PE4591 PASTERNACK-PE4591 Datasheet
218Kb / 2P
   SMA Female Connector Clamp - Solder Attachment For RG178, RG196
PE4213 PASTERNACK-PE4213 Datasheet
103Kb / 1P
   SMA MALE SOLDER ATTACHMENT FOR RG178 & RG196
PE4788 PASTERNACK-PE4788 Datasheet
228Kb / 3P
   RP SMA Male Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4799 PASTERNACK-PE4799 Datasheet
219Kb / 2P
   RP SMA Female Connector Crimp/Solder Attachment For RG178, RG196
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com