Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37225M8 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M37225M8
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37225M8 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M37225M8 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37225M8 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37225M8 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37225M8 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37225M8 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37225M8 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37225M8 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37225M8 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37225M8 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 133 page
background image
1. DESCRIPTION
The M37225M6-XXXSP, M37225M8-XXXSP, and M37225ECSP are
single-chip microcomputers designed with CMOS silicon gate tech-
nology. They have a OSD, I2C-BUS interface, PWM output, and 12 V
withstand, so it is useful for a channel selection system for TV.
The features of the M37225ECSP are similar to those of the
M37225M6-XXXSP except that the chip has a built-in PROM which
can be written electrically. The difference between M37225M6-XXXSP
and M37225M8-XXXSP are the ROM size. Accordingly, the follow-
ing descriptions will be for the M37225M6-XXXSP.
2. FEATURES
qNumber of basic instructions .................................................... 71
qMemory size
ROM ..................... 24K bytes (M37225M6-XXXSP)
32K bytes (M37225M8-XXXSP)
48K bytes (M37225ECSP)
RAM ...................... 1024 bytes (M37225M6-XXXSP,
M37225M8-XXXSP)
2048 bytes (M37225ECSP)
(*ROM correction memory included)
qMinimum instruction execution time
......................................... 0.5
µs (at 8 MHz oscillation frequency)
qPower source voltage ................................................. 5 V
± 10 %
qSubroutine nesting ............................................. 128 levels (Max.)
qInterrupts ....................................................... 16 types, 16 vectors
q8-bit timers .................................................................................. 4
qProgrammable I/O ports (Ports P0, P1, P2, P30–P32, P35) ..... 28
qInput ports (Ports P33, P34, P50, P51) ........................................ 4
qOutput ports (Ports P52–P55) ..................................................... 4
q12 V withstand ports ................................................................... 6
qLED drive ports ........................................................................... 4
qSerial I/O ............................................................ 8-bit ! 1 channel
qMulti-master I2C-BUS interface .............................. 1 (2 systems)
qA-D converter (8-bit resolution) .................................... 8 channels
qPWM output circuit ........................................ 14-bit ! 2, 8-bit ! 6
qPower dissipation
In operating ...................................................................... 165 mW
(at VCC = 5.5V, 8 MHz oscillation frequency, and OSD on)
qROM correction function ................................................ 3 vectors
qImmediate return mode from wait state
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
with ON-SCREEN DISPLAY CONTROLLER
M37225M6-XXXSP, M37225M8-XXXSP
M37225ECSP
MITSUBISHI MICROCOMPUTERS
qOSD function
Display characters ............................................... 24 characters ! 2 lines
(It is possible to display 3 lines or more by software)
Kinds of characters ......... 381 kinds
Character display area
16 ! 20 dots
Kinds of character sizes .............................. Block display: 3 kinds
SPRITE display: 1 kinds
Kinds of character colors. ................................. 8 colors (R, G, B)
Coloring unit ................... character, character background, raster
Display position
Horizontal: 64 levels
Vertical :255 levels
Attribute ........ Border (all-bordered, shadow-bordered), BUTTON
SPRITE display function
Wallpaper function
Window function
Corresponding to bi-scan mode
3. APPLICATION
TV
Rev. 1.1


Similar Part No. - M37225M8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37225M8 RENESAS-M37225M8 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37225M8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
logo
Renesas Technology Corp
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37103M4 MITSUBISHI-M37103M4 Datasheet
2Mb / 46P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37212M4 RENESAS-M37212M4 Datasheet
1Mb / 120P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com