Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM329 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM329
Description  Precision Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM329 Datasheet(HTML) 2 Page - Texas Instruments

  LM329 Datasheet HTML 1Page - Texas Instruments LM329 Datasheet HTML 2Page - Texas Instruments LM329 Datasheet HTML 3Page - Texas Instruments LM329 Datasheet HTML 4Page - Texas Instruments LM329 Datasheet HTML 5Page - Texas Instruments LM329 Datasheet HTML 6Page - Texas Instruments LM329 Datasheet HTML 7Page - Texas Instruments LM329 Datasheet HTML 8Page - Texas Instruments LM329 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LM329
SNVS748F – MAY 2000 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Reverse Breakdown Current
30 mA
Forward Current
2 mA
Operating Temperature Range
LM329
0°C to +70°C
Storage Temperature Range
−55°C to +150°C
Soldering Information
TO-92 package: 10 sec.
260°C
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits.
Electrical Characteristics
(1)
Parameter
Conditions
Min
Typ
Max
Units
Reverse Breakdown Voltage
TA = 25°C, 0.6 mA ≤ IR ≤ 15 mA
6.6
6.9
7.25
V
Reverse Breakdown Change TA = 25°C, with
0.6 mA
≤ IR ≤ 15 mA
9
20
mV
Current(2)
Reverse Dynamic Impedance(2)
TA = 25°C, IR = 1 mA
0.8
2
Ω
RMS Noise
TA = 25°C, 10 Hz ≤ F ≤ 10 kHz
7
100
μV
Long Term Stability (1000 hours)
TA = 45°C ± 0.1°C,
20
ppm
IR = 1 mA ± 0.3%
Temperature Coefficient
IR = 1 mA
50
100
ppm/°C
Change In Reverse Breakdown Temperature
1 mA
≤ IR ≤ 15 mA
1
ppm/°C
Coefficient
Reverse Breakdown Change with Current
1 mA
≤ IR ≤ 15 mA
12
mV
Reverse Dynamic Impedance
1 mA
≤ IR ≤ 15 mA
1
Ω
(1)
These specifications apply for 0°C
≤ TA ≤ +70°C for the LM329 unless otherwise specified. The maximum junction temperature for a
LM329 is 100°C. For operating at elevated temperature. The TO-92 package, the derating is based on 180°C/W junction to ambient with
0.4
″ leads from a PC board and 160°C/W junction to ambient with 0.125″ lead length to a PC board.
(2)
These changes are tested on a pulsed basis with a low duty-cycle. For changes versus temperature, compute in terms of tempco.
Typical Applications
Figure 3. Low Cost 0–25V Regulator
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM329


Similar Part No. - LM329

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM329 LINER-LM329 Datasheet
179Kb / 4P
   6.9V Precision Voltage Reference
LM329 LINER-LM329 Datasheet
125Kb / 4P
   6.9V Precision Voltage Reference
LM329 LINER-LM329 Datasheet
166Kb / 8P
   6.9V Precision Voltage Reference
logo
National Semiconductor ...
LM329 NSC-LM329 Datasheet
197Kb / 8P
   Precision Reference
logo
Texas Instruments
LM3290 TI1-LM3290 Datasheet
58Kb / 3P
[Old version datasheet]   LM3290 Product Brief
More results

Similar Description - LM329

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com