Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C7336-05 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C7336-05
Description  X-RAY I.I. DIGITAL CAMERA UNIT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7336-05 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C7336-05_15 Datasheet HTML 1Page - Hamamatsu Corporation C7336-05_15 Datasheet HTML 2Page - Hamamatsu Corporation C7336-05_15 Datasheet HTML 3Page - Hamamatsu Corporation C7336-05_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATIONS
IMAGING EXAMPLES
74
× 56
76
Approx. 8
Approx. 9
4-inch mode
2-inch mode
4-inch mode
2-inch mode
30(12)
73
× 55
37
× 28
76
100
45(8)
30(12)
45(8)
Aluminum / 0.5 mm
Csl
P43
Scientific CMOS image sensor FL-280
1920
× 1440
3.63
× 3.63
IEEE 1394b power supply / DC8 V to 30 V
IEEE 1394b bus
× 2 cable
9-pin IEEE 1394b connector
AC100 V to 240 V (50 Hz / 60 Hz)
10
+10 to +40
-10 to +45
Below 70 % (no condensation)
Approx. 0.5
C7336-52
C7336-05
mm
Lp/cm
µm
frames/s(bit)
VA
°C
°C
kg
kg
Unit
Input Window Material / Thickness
Input Phosphor
Output Phosphor
Imaging Area (H
× V)
(on Input Surface) Typ.
Resolution
(on Input Surface) Typ.
Digital
camera
section
Camera Connector
Input Voltage
Power Consumption
Operating Ambient Temperature
Storage Temperature
Operating and Storage Humidity
Weight
Imaging Device
Number of Effective Pixels (H
× V)
Pixel Size (H
× V)
Frame Rate(Signal Output)
Power Consumption
Interface
Head
DC24 V Power Supply
Parameter
I Lithium ion battery
X-ray tube voltage: 100 kV
I LED
X-ray tube voltage: 90 kV
LTop view
LSide view
I BGA
X-ray tube voltage: 130 kV
L4-inch mode
L2-inch mode


Similar Part No. - C7336-05_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7339 HAMAMATSU-C7339 Datasheet
93Kb / 2P
   Position Sensor
More results

Similar Description - C7336-05_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C6086-30 HAMAMATSU-C6086-30 Datasheet
98Kb / 2P
   X-Ray I.I. CCD Camera
C12200-461 HAMAMATSU-C12200-461 Datasheet
555Kb / 2P
   X-ray TDI Camera
C6086 HAMAMATSU-C6086 Datasheet
94Kb / 2P
   X-Ray CCD Camera
C7390 HAMAMATSU-C7390 Datasheet
137Kb / 4P
   X-Ray Line Sensor Camera
logo
Voltage Multipliers Inc...
XRS040N100 VMI-XRS040N100 Datasheet
171Kb / 2P
   Portable X-Ray
XRS040N100 VMI-XRS040N100_07 Datasheet
764Kb / 2P
   Portable X-Ray
logo
Toshiba Semiconductor
7525 TOSHIBA-7525 Datasheet
204Kb / 14P
   X-ray Thickness Gage
logo
Texas Instruments
AFE0064 TI-AFE0064_13 Datasheet
1Mb / 31P
[Old version datasheet]   64 Channel Analog Front End for Digital X-Ray Detector
AFE0064 TI-AFE0064 Datasheet
545Kb / 25P
[Old version datasheet]   64 Channel Analog Front End for Digital X-Ray Detector
AFE0064 TI1-AFE0064_14 Datasheet
1Mb / 32P
[Old version datasheet]   64 Channel Analog Front End for Digital X-Ray Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com