Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3133A Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP3133A
Description  Integrated Synchronous Buck Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3133A Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP3133A Datasheet HTML 5Page - ON Semiconductor NCP3133A Datasheet HTML 6Page - ON Semiconductor NCP3133A Datasheet HTML 7Page - ON Semiconductor NCP3133A Datasheet HTML 8Page - ON Semiconductor NCP3133A Datasheet HTML 9Page - ON Semiconductor NCP3133A Datasheet HTML 10Page - ON Semiconductor NCP3133A Datasheet HTML 11Page - ON Semiconductor NCP3133A Datasheet HTML 12Page - ON Semiconductor NCP3133A Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NCP3133A
http://onsemi.com
10
DETAILED DESCRIPTION
Overview
NCP3133A is a low input voltage 3 A high performance
synchronous
buck
converter
with
two
integrated
N−MOSFETs. NCP3133A’s output voltage range is from
0.6 V to 0.84 x Vin and it has wide input voltage range from
2.9 V to 5.5 V. The features of NCP3133A include
supporting pre−bias start−up to protect sensitive loads,
cycle−by−cycle over−current limiting and short circuit
protection, power good monitor, over voltage and under
voltage protection, built in output discharge and thermal
shutdown.
NCP3133A provides two operation modes to fit various
application requirements. The automatic CCM/DCM mode
operation provides reduced power loss and increases the
efficiency at light load. The adaptive power control
architecture enables smooth transition between light load
and heavy load while maintaining fast response to load
transients
.
Operation Mode
NCP3133A offers two operation modes programmed by
PS pin connections, see table below.
Table 5.
PS pin Connection
Operation Mode
Auto Skip at Light Load
(
≤)174 kW to GND
Automatic CCM/DCM
Yes
Floating or pulled to VDD
FCCM
In forced continuous conduction mode (FCCM), the
high−side FET is ON during the on−time and the low−side
FET is ON during the off−time. The switching is
synchronized to an internal clock thus the switching
frequency is fixed.
In Automatic CCM/DCM mode, the high−side FET is ON
during the on−time and low−side FET is ON during the
off−time until the inductor current reaches zero. An internal
zero−crossing comparator detects the zero crossing of the
inductor current from positive to negative. When the
inductor current reaches zero, the comparator sends a signal
to the logic circuitry and turns off the low−side FET.
When the load is increased, the inductor current is always
positive and the zero−crossing comparator does not send any
zero−crossing signal. The converter enters into continuous
conduction mode (CCM) when no zero−crossing is detected
for two consecutive PWM pulses. In CCM mode, the
switching synchronizes to the internal clock and the
switching frequency is fixed.
Reference Voltage
The NCP3133A incorporates 600 mV reference voltage
with 1.0 % tolerance.
Internal Soft−Start
To limit the start−up inrush current, an internal soft start
circuit is used to ramp up the reference voltage from 0 V to
its final value linearly. The internal soft start time is 0.4 ms
typically.
Soft Stop
Soft−Stop or discharge mode is always on during faults or
disable. In this mode, a fault (UVP, OCP) or disable (EN)
causes the output to be discharged through an internal 2
0 W
transistor inside of SW terminal. The time constant of
soft−stop is a function of output capacitance and the
resistance of the discharge transistor.
Automatic Power Saving Mode
In Automatic CCM/DCM mode when the load current
decreases, the converter will enter power saving mode
operation. During power saving mode, the low−side
MOSFET will turn off when the inductor current reaches
zero. So the converter skips switching and operates with
reduced frequency
, which minimizes the quiescent current
and maintains high efficiency.
Forced Continuous Conduction Mode
When PS pin is floating or pulled high, NCP3133A is
operating in forced continuous conduction mode in both
light load and heavy load conditions. In this mode, the
switching frequency remains constant over the entire load
range, making it suitable for applications that need tight
regulation of switching frequency at a cost of lower
efficiency at light load.


Similar Part No. - NCP3133A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3133AMNTXG ONSEMI-NCP3133AMNTXG Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
More results

Similar Description - NCP3133A

ManufacturerPart #DatasheetDescription
logo
Rohm
BD91361MUV-E2 ROHM-BD91361MUV-E2 Datasheet
1Mb / 23P
   Synchronous Buck Converter Integrated FET
BU90002GWXEVK-101 ROHM-BU90002GWXEVK-101 Datasheet
797Kb / 7P
   Synchronous Buck Converter Integrated FET
BD9328EFJ-LB ROHM-BD9328EFJ-LB Datasheet
1Mb / 22P
   Synchronous Buck Converter Integrated FET
BD9106FVM ROHM-BD9106FVM_12 Datasheet
2Mb / 42P
   Synchronous Buck Converter Integrated FET
BD9329AEFJ-LB ROHM-BD9329AEFJ-LB_15 Datasheet
1Mb / 22P
   Synchronous Buck Converter integrated FET
BD89630EFJ ROHM-BD89630EFJ_12 Datasheet
630Kb / 25P
   Synchronous Buck Converter integrated FET
BD9102FVM ROHM-BD9102FVM_13 Datasheet
2Mb / 29P
   Synchronous Buck Converter Integrated FET
BD91501MUV ROHM-BD91501MUV Datasheet
570Kb / 26P
   Synchronous Buck Converter Integrated FET
BD9106FVM-LB ROHM-BD9106FVM-LB Datasheet
2Mb / 23P
   Synchronous Buck Converter Integrated FET
BD9109FVM-LB ROHM-BD9109FVM-LB Datasheet
2Mb / 23P
   Synchronous Buck Converter Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com