Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1300940216 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300940216
Description  Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1300940216 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300940216 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300940216
Status:
Active
Overview:
Support Grips
Description:
Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave, Cable
Diameter 25.40-31.50mm (1.000-1.240"), Approximate Break Strength 870.90kg (1920
lbs), Stainless Steel
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Grips
Series
130094
Eye Type
Double
NEMA Rating
NEMA 4
O-Ring
No
Overview
Support Grips
Product Name
Standard Duty
Type
Support Grip
UPC
78678805227
Woodhead
Yes
Physical
Approximate Break Strength
870.90kg (1920 lbs)
Bale Length
0.127m (5.00")
Body Style
Straight
Cable Diameter
25.40-31.50mm (1.000-1.240")
Color - Grommet
N/A
Gender
N/A
Material - Body
N/A
Material - Grip
Stainless Steel
Mesh Length
0.38m (15.00")
Number of Holes
N/A
Thread Size
N/A
Material Info
Old Part Number
35004SS
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130094 Series
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1300940216

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300940210 MOLEX11-1300940210 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave, Cable
1300940211 MOLEX11-1300940211 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave, Cable
1300940212 MOLEX11-1300940212 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave
1300940213 MOLEX11-1300940213 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave
1300940213 MOLEX-1300940213 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave, Cable Diameter 19.05-25.15mm (.750-.990
07/27/2021
More results

Similar Description - 1300940216

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300940219 MOLEX11-1300940219 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave
1300940220 MOLEX11-1300940220 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave
1300940221 MOLEX11-1300940221 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave,
1300940222 MOLEX11-1300940222 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave
1300940217 MOLEX11-1300940217 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave
1300940218 MOLEX11-1300940218 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave
1300940226 MOLEX11-1300940226 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave
1300940227 MOLEX11-1300940227 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave
1300940215 MOLEX11-1300940215 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave
1300940213 MOLEX11-1300940213 Datasheet
30Kb / 1P
   Standard Duty Support Grip, Double Eye, Closed Mesh, Double Weave
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com