Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A48P4616B Datasheet(PDF) 3 Page - AMIC Technology

Part # A48P4616B
Description  16M X 16 Bit DDR DRAM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A48P4616B Datasheet(HTML) 3 Page - AMIC Technology

  A48P4616B Datasheet HTML 1Page - AMIC Technology A48P4616B Datasheet HTML 2Page - AMIC Technology A48P4616B Datasheet HTML 3Page - AMIC Technology A48P4616B Datasheet HTML 4Page - AMIC Technology A48P4616B Datasheet HTML 5Page - AMIC Technology A48P4616B Datasheet HTML 6Page - AMIC Technology A48P4616B Datasheet HTML 7Page - AMIC Technology A48P4616B Datasheet HTML 8Page - AMIC Technology A48P4616B Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
A48P4616B
(January, 2014, Version 1.0)
2
AMIC Technology, Corp.
Pin Configuration
TSOP (II)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
NC
VDDQ
LDQS
NC
VDD
NC
LDM*
WE
66
65
64
63
62
64
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
CK
UDM*
VSS
VREF
NC
UDQS
VSSQ
NC
DQ8
VDDQ
DQ9
DQ10
VSSQ
DQ11
DQ12
VDDQ
DQ13
DQ14
VSSQ
DQ15
CAS
VSS
VDD
CK
23
24
25
26
27
28
29
30
31
32
33
RAS
CS
NC
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
CKE
NC
A12
A11
A9
A8
A7
A6
A5
A4
VSS
44
43
42
41
40
39
38
37
36
35
34
Column Address Table
Organization
Row Address
Column Address
16Mb x16
A0-A12
A0-A8
* DM is internally loaded to match DQ and DQS identically


Similar Part No. - A48P4616B

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A48P4616 AMICC-A48P4616 Datasheet
2Mb / 71P
   16M X 16 Bit DDR DRAM
More results

Similar Description - A48P4616B

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A48P4616 AMICC-A48P4616 Datasheet
2Mb / 71P
   16M X 16 Bit DDR DRAM
logo
Etron Technology, Inc.
EM6AA160TSA ETRON-EM6AA160TSA Datasheet
436Kb / 54P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TSC-4G ETRON-EM6AA160TSC-4G Datasheet
481Kb / 63P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TS ETRON-EM6AA160TS Datasheet
406Kb / 51P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM63A165TS-5IG ETRON-EM63A165TS-5IG Datasheet
565Kb / 53P
   16M x 16 bit Synchronous DRAM (SDRAM)
logo
AMIC Technology
A48P3616 AMICC-A48P3616 Datasheet
2Mb / 62P
   8M X 16 Bit DDR DRAM
A48P3616B AMICC-A48P3616B Datasheet
1Mb / 66P
   8M X 16 Bit DDR DRAM
logo
Generalplus Technology ...
GPR323A16A GENERALPLUS-GPR323A16A Datasheet
2Mb / 46P
   16M x 16 bit Synchronous DRAM (SDRAM)
logo
Cypress Semiconductor
S72XS-R CYPRESS-S72XS-R Datasheet
394Kb / 7P
   256 Mb (16M x 16 bit), 1.8V MirrorBit짰 Flash and DDR DRAM
logo
Etron Technology, Inc.
EM68A16CBQC-18H ETRON-EM68A16CBQC-18H Datasheet
1,022Kb / 62P
   16M x 16 bit DDRII Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com