Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R60J106ME47 Datasheet(PDF) 2 Page - ON Semiconductor

Part # GRM188R60J106ME47
Description  3 MHz, 2 A Synchronous Buck Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

GRM188R60J106ME47 Datasheet(HTML) 2 Page - ON Semiconductor

  GRM188R60J106ME47 Datasheet HTML 1Page - ON Semiconductor GRM188R60J106ME47 Datasheet HTML 2Page - ON Semiconductor GRM188R60J106ME47 Datasheet HTML 3Page - ON Semiconductor GRM188R60J106ME47 Datasheet HTML 4Page - ON Semiconductor GRM188R60J106ME47 Datasheet HTML 5Page - ON Semiconductor GRM188R60J106ME47 Datasheet HTML 6Page - ON Semiconductor GRM188R60J106ME47 Datasheet HTML 7Page - ON Semiconductor GRM188R60J106ME47 Datasheet HTML 8Page - ON Semiconductor GRM188R60J106ME47 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCP6323, NCV6323
www.onsemi.com
2
1uH
Vo = 0.6V to Vin
Cout
10uF
PGND
FB
PVIN
EN
SW
AGND
AVIN
PG
Cin
10uF
Rpg
1M
Vin = 2.5 V to 5.5 V
Power Good
Enable
R1
R2
Cfb
NCP/NCV6323
(a) Power Good Output Option (NCP/NCV6323)
Figure 1. Typical Application Circuit
PIN DESCRIPTION
Pin
Name
Type
Description
1
PGND
Power
Ground
Power Ground for power, analog blocks. Must be connected to the system ground.
2
SW
Power
Output
Switch Power pin connects power transistors to one end of the inductor.
3
AGND
Analog
Ground
Analog Ground analog and digital blocks. Must be connected to the system ground.
4
FB
Analog
Input
Feedback Voltage from the buck converter output. This is the input to the error amplifier. This pin
is connected to the resistor divider network between the output and AGND.
5
EN
Digital
Input
Enable of the IC. High level at this pin enables the device. Low level at this pin disables the de-
vice.
6
PG
Digital
Output
It is open drain output. Low level at this pin indicates the device is not in power good, while high
impedance at this pin indicates the device is in power good.
7
AVIN
Analog
Input
Analog Supply. This pin is the analog and the digital supply of the device. An optional 1
mF or lar-
ger ceramic capacitor bypasses this input to the ground. This capacitor should be placed as close
as possible to this input.
8
PVIN
Power
Input
Power Supply Input. This pin is the power supply of the device. A 10
mF or larger ceramic capacit-
or must bypass this input to the ground. This capacitor should be placed as close a possible to
this input.
9
PAD
Exposed
Pad
Exposed Pad. Must be soldered to system ground to achieve power dissipation performances.
This pin is internally unconnected
ORDERING INFORMATION
Device
Marking
Package
Shipping
NCP6323DMTAATBG
NN
WDFN8
(Pb−Free)
3000 / Tape & Reel
NCV6323BMTAATBG
23
WDFN8
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - GRM188R60J106ME47

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GRM188R60J106ME47 STMICROELECTRONICS-GRM188R60J106ME47 Datasheet
2Mb / 48P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
logo
Murata Manufacturing Co...
GRM188R60J106ME47 MURATA-GRM188R60J106ME47 Datasheet
778Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
logo
NXP Semiconductors
GRM188R60J106ME47 NXP-GRM188R60J106ME47 Datasheet
678Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 9/2014
GRM188R60J106ME47 NXP-GRM188R60J106ME47 Datasheet
901Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 9/2014
logo
Texas Instruments
GRM188R60J106ME47 TI1-GRM188R60J106ME47 Datasheet
1Mb / 31P
[Old version datasheet]   TPS63900 1.8-V to 5.5-V, 400-mA, 200-nA Quiescent Current Buck-Boost Converter
More results

Similar Description - GRM188R60J106ME47

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6324 ONSEMI-NCP6324_V01 Datasheet
533Kb / 17P
   Buck Converter - Synchronous 3 MHz, 2 A
July, 2020 ??Rev. 8
FAN5354 ONSEMI-FAN5354 Datasheet
1Mb / 16P
   3 MHz, 3 A Synchronous Buck Regulator
Rev. 1.0.7
FAN5353 ONSEMI-FAN5353 Datasheet
1Mb / 15P
   3 MHz, 3 A Synchronous Buck Regulator
December 2013 Rev. 1.0.3
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP1597B ONSEMI-NCP1597B_13 Datasheet
349Kb / 13P
   1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
NCP6323 ONSEMI-NCP6323_V01 Datasheet
987Kb / 20P
   Buck Converter - Synchronous 3 MHz, 2 A High Efficiency, Low Ripple, Adjustable Output Voltage
July, 2020 ??Rev. 10
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
   1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1599MNTWG ONSEMI-NCP1599MNTWG Datasheet
370Kb / 15P
   1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0
NCP1593 ONSEMI-NCP1593_12 Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com