Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4359 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4359
Description  SMC Plug Right Angle Connector Clamp - Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4359 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4359 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4359 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4359 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMC Plug Right Angle Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405 from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Plug Right Angle Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL,
RG405 PE4359
URL: http://www.pasternack.com/smc-plug-standard-pe-sr405al-pe-sr405fl-rg405-connector-pe4359-p.aspx
SMC Plug Right Angle Connector Clamp/Solder
Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4359
PE4359 REV


Similar Part No. - PE4359

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4350 PASTERNACK-PE4350 Datasheet
244Kb / 2P
   MHV Male Connector Crimp - Solder Attachment For RG214, RG9
PE4350 PASTERNACK-PE4350 Datasheet
354Kb / 3P
   MHV Male Connector Crimp/Solder Attachment
logo
Peregrine Semiconductor...
PE43501 PEREGRINE-PE43501 Datasheet
383Kb / 13P
   RF Digital Attenuator 5-bit, 7.75dB, DC-6.0 GHz
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502 Datasheet
443Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43502 PEREGRINE-PE43502 Datasheet
443Kb / 11P
   50 廓 RF Digital Attenuator
More results

Similar Description - PE4359

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4357 PASTERNACK-PE4357 Datasheet
208Kb / 2P
   SMC Plug Connector Clamp - Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44977 PASTERNACK-PE44977 Datasheet
222Kb / 3P
   SMC Plug Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4361 PASTERNACK-PE4361 Datasheet
298Kb / 2P
   SMC JACK CONNECTOR CLAMP/SOLDER ATTACHMENT FOR PE-SR405AL, PE-SR405FL,RG405
PE4358 PASTERNACK-PE4358 Datasheet
206Kb / 2P
   SMB Plug Right Angle Connector Clamp - Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4877 PASTERNACK-PE4877 Datasheet
221Kb / 3P
   MCX Plug Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4900 PASTERNACK-PE4900 Datasheet
216Kb / 2P
   MMCX Plug Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44453 PASTERNACK-PE44453 Datasheet
211Kb / 2P
   MMCX Plug Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44345 PASTERNACK-PE44345 Datasheet
588Kb / 3P
   2.4mm Male Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4360 PASTERNACK-PE4360 Datasheet
120Kb / 1P
   SMB JACK SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL &PE-SR405FL
PE4356 PASTERNACK-PE4356 Datasheet
99Kb / 1P
   SMB PLUG SOLDER ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com