Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8480 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # H8480
Description  X-CUBE COMPACT X-RAY CCD CAMERAS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

H8480 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  H8480_15 Datasheet HTML 1Page - Hamamatsu Corporation H8480_15 Datasheet HTML 2Page - Hamamatsu Corporation H8480_15 Datasheet HTML 3Page - Hamamatsu Corporation H8480_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
X-CUBE
H8480/H8481/H8953 Series
COMPACT X-RAY CCD CAMERAS
SAMPLE X-RAY IMAGES Sample: Cellular phone substrate
X-CUBE is a compact X-ray CCD camera designed for nondes-
tructive inspection. Using a general-purpose CCD chip mounted in
a rugged but lightweight camera head, X-CUBE makes X-ray
imaging as easy as handling ordinary CCD cameras.
The H8480 has a large effective view of 25 mm diameter and a
resolution of 10 Lp/mm, while the H8953 has an effective view of
16.7 mm
× 12.5 mm and a resolution of 16 Lp/mm, while the
H8481 offers an effective view of 8.4 mm
× 6.3 mm and a high res-
olution of 20 Lp/mm.
LLeft: H8480, Center: H8953, Right: H8481
GHigh sensitivity: CsI scintillator
GCompact
GLow power consumption
OVERVIEW
FEATURES
X-RAY
IMAGING
X-ray tube voltage: 90 kV, Geometrical magnification rate:
×1.15
H8481
(High Resolution Type)
H8480
( Wide View Type)
H8953
Effective view: 25 mm Min.
Resolution
: 10 Lp/mm Typ.
Effective view: 16.7 mm
× 12.5 mm
Resolution
: 16 Lp/mm Typ.
Effective view: 8.4 mm
× 6.3 mm
Resolution
: 20 Lp/mm Typ.


Similar Part No. - H8480_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H8480 HAMAMATSU-H8480 Datasheet
973Kb / 4P
   X-CUBE COMPACT X-RAY CCD CAMERAS
More results

Similar Description - H8480_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
H8480 HAMAMATSU-H8480 Datasheet
973Kb / 4P
   X-CUBE COMPACT X-RAY CCD CAMERAS
C6086 HAMAMATSU-C6086 Datasheet
94Kb / 2P
   X-Ray CCD Camera
C6086-30 HAMAMATSU-C6086-30 Datasheet
98Kb / 2P
   X-Ray I.I. CCD Camera
S8658-01 HAMAMATSU-S8658-01 Datasheet
150Kb / 7P
   Front-illuminated FFT-CCD for X-ray imaging
S8984-02 HAMAMATSU-S8984-02_15 Datasheet
238Kb / 3P
   Front-illuminated FFT-CCD for X-ray imaging
S10814 HAMAMATSU-S10814 Datasheet
361Kb / 10P
   Front-illuminated FFT-CCD for X-ray imaging
logo
Voltage Multipliers Inc...
XRS040N100 VMI-XRS040N100 Datasheet
171Kb / 2P
   Portable X-Ray
logo
Hamamatsu Corporation
S8658-01 HAMAMATSU-S8658-01_11 Datasheet
145Kb / 8P
   CCD area image sensor Front-illuminated FFT-CCD for X-ray imaging
logo
Voltage Multipliers Inc...
XRS040N100 VMI-XRS040N100_07 Datasheet
764Kb / 2P
   Portable X-Ray
logo
Toshiba Semiconductor
7525 TOSHIBA-7525 Datasheet
204Kb / 14P
   X-ray Thickness Gage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com