Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM34927 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM34927
Description  LM34927 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM34927 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM34927_15 Datasheet HTML 7Page - Texas Instruments LM34927_15 Datasheet HTML 8Page - Texas Instruments LM34927_15 Datasheet HTML 9Page - Texas Instruments LM34927_15 Datasheet HTML 10Page - Texas Instruments LM34927_15 Datasheet HTML 11Page - Texas Instruments LM34927_15 Datasheet HTML 12Page - Texas Instruments LM34927_15 Datasheet HTML 13Page - Texas Instruments LM34927_15 Datasheet HTML 14Page - Texas Instruments LM34927_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
(
)
IN
OFF ILIM
FB
0.07
V
T
s
V
0.2 V
´
=
m
+
10
-10 x R
ON
TON =
VIN
LM34927
www.ti.com
SNVS799G – APRIL 2012 – REVISED DECEMBER 2014
Feature Description (continued)
At high input voltages, the power dissipated in the high-voltage regulator is significant and can limit the overall
achievable output power. As an example, with the input at 48 V and switching at high frequency, the VCC
regulator may supply up to 7 mA of current resulting in 48 V × 7 mA = 336 mW of power dissipation. If the VCC
voltage is driven externally by an alternate voltage source, from 8.55 V to 14 V, the internal regulator is disabled.
This reduces the power dissipation in the IC.
7.3.3 Regulation Comparator
The feedback voltage at FB is compared to an internal 1.225 V reference. In normal operation, when the output
voltage is in regulation, an on-time period is initiated when the voltage at FB falls below 1.225 V. The high-side
switch will stay on for the on-time, causing the FB voltage to rise above 1.225 V. After the on-time period, the
high-side switch will stay off until the FB voltage again falls below 1.225 V. During start-up, the FB voltage will be
below 1.225 V at the end of each on-time causing the high-side switch to turn on immediately after the minimum
forced off-time of 144 ns. The high-side switch can be turned off before the on-time is over if peak current in the
inductor reaches the current limit threshold.
7.3.4 Overvoltage Comparator
The feedback voltage at FB is compared to an internal 1.62-V reference. If the voltage at FB rises above 1.62 V
the on-time pulse is immediately terminated. This condition can occur if the input voltage and/or the output load
changes suddenly. The high-side switch will not turn on again until the voltage at FB falls below 1.225 V.
7.3.5 On-Time Generator
The on-time for the LM34927 device is determined by the RON resistor, and is inversely proportional to the input
voltage (VIN), resulting in a nearly constant frequency as VIN is varied over its range. The on-time equation for the
LM34927 device is shown in Equation 3.
(3)
See Figure 5. RON should be selected for a minimum on-time (at maximum VIN) greater than 100 ns for proper
operation. This requirement limits the maximum frequency for each application.
7.3.6 Current Limit
The LM34927 device contains an intelligent current limit off-timer. If the current in the buck switch exceeds
1.02 A, the present cycle is immediately terminated, and a nonresetable off-timer is initiated. The length of off-
time is controlled by the FB voltage and the input voltage VIN. As an example, when FB = 0 V and VIN = 48 V, a
maximum off-time is set to 16
μs. This condition occurs when the output is shorted, and during the initial part of
start up. This amount of time ensures safe short circuit operation up to the maximum input voltage of
100 V.
In cases of overload where the FB voltage is above zero volts (not a short circuit) the current limit off-time is
reduced. Reducing the off-time during less severe overloads reduces the amount of foldback, recovery time, and
start-up time. The off-time is calculated from Equation 4.
(4)
The current limit protection feature is peak limited, the maximum average output will be less than the peak.
7.3.7 N-Channel Buck Switch and Driver
The LM34927 device integrates an N-Channel Buck switch and associated floating high-voltage gate driver. The
gate driver circuit works in conjunction with an external bootstrap capacitor and an internal high-voltage diode. A
0.01-µF ceramic capacitor connected between the BST pin and SW pin provides the voltage to the driver during
the on-time. During each off-time, the SW pin is at approximately 0 V and the bootstrap capacitor charges from
VCC through the internal diode. The minimum off-timer, set to 144 ns, ensures a minimum time each cycle to
recharge the bootstrap capacitor.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM34927


Similar Part No. - LM34927_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34927MR TI1-LM34927MR Datasheet
333Kb / 17P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34927MR/NOPB TI1-LM34927MR/NOPB Datasheet
2Mb / 26P
[Old version datasheet]   LM34927 Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34927MRX/NOPB TI1-LM34927MRX/NOPB Datasheet
2Mb / 26P
[Old version datasheet]   LM34927 Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34927SD TI1-LM34927SD Datasheet
333Kb / 17P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34927SD TI1-LM34927SD Datasheet
2Mb / 26P
[Old version datasheet]   LM34927 Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
More results

Similar Description - LM34927_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34927SD TI1-LM34927SD Datasheet
2Mb / 26P
[Old version datasheet]   LM34927 Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34927 TI1-LM34927 Datasheet
333Kb / 17P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34925 TI1-LM34925 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925 TI1-LM34925_14 Datasheet
1Mb / 26P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34926 TI1-LM34926 Datasheet
1Mb / 28P
[Old version datasheet]   LM34926 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
logo
Cherry Semiconductor Co...
CS5101 CHERRY-CS5101 Datasheet
153Kb / 7P
   Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
logo
ON Semiconductor
CS5101 ONSEMI-CS5101 Datasheet
142Kb / 9P
   Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
October, 2006 ??Rev. 6
logo
International Rectifier
IRFH4213PBF IRF-IRFH4213PBF Datasheet
356Kb / 8P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4234PBF IRF-IRFH4234PBF Datasheet
253Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4234PBF IRF-IRFH4234PBF_15 Datasheet
506Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com