Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4148UB2R Datasheet(PDF) 6 Page - Microsemi Corporation

Part # 1N4148UB2R
Description  PERFORMANCE SPECIFICATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4148UB2R Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button 1N4148UB2R Datasheet HTML 2Page - Microsemi Corporation 1N4148UB2R Datasheet HTML 3Page - Microsemi Corporation 1N4148UB2R Datasheet HTML 4Page - Microsemi Corporation 1N4148UB2R Datasheet HTML 5Page - Microsemi Corporation 1N4148UB2R Datasheet HTML 6Page - Microsemi Corporation 1N4148UB2R Datasheet HTML 7Page - Microsemi Corporation 1N4148UB2R Datasheet HTML 8Page - Microsemi Corporation 1N4148UB2R Datasheet HTML 9Page - Microsemi Corporation 1N4148UB2R Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MIL-PRF-19500/116L
6
Dimensions
Symbol
Inches
Millimeters
Note
Min
Max
Min
Max
A
0.046
0.056
0.97
1.42
A1
0.017
0.035
0.43
0.89
B1
0.016
0.024
0.41
0.61
Typ
B2
0.016
0.024
0.41
0.61
Typ
R2
0.012
0.3
Typ
D
0.085
0.108
2.41
2.74
D1
0.071
0.078
1.81
2.01
D2
0.035
0.039
0.89
0.99
D3
0.085
0.108
2.41
2.74
E
0.115
0.128
2.82
3.25
E3
- - -
0.128
- - -
3.25
L1
0.022
0.038
0.56
0.96
R3
0.008R
0.2R
R1
0.022R
0.55R
NOTES:
1. Dimensions are in inches.
2. Metric equivalents are given for general information only.
FIGURE 4. Physical dimensions, surface mount (2 pin UB version).


Similar Part No. - 1N4148UB2R

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4148UR-1 CDI-DIODE-1N4148UR-1 Datasheet
33Kb / 2P
   SWITCHING DIODE
logo
Microsemi Corporation
1N4148UR-1 MICROSEMI-1N4148UR-1 Datasheet
63Kb / 1P
   MINI-MELF-SMD Silicon Diode
1N4148UR-1 MICROSEMI-1N4148UR-1 Datasheet
50Kb / 2P
   SWITCHING DIODE
1N4148UR-1 MICROSEMI-1N4148UR-1 Datasheet
85Kb / 1P
   SWITCHING DIODE
logo
M/A-COM Technology Solu...
1N4148UR-1 MA-COM-1N4148UR-1 Datasheet
601Kb / 3P
   Hermetically Sealed
More results

Similar Description - 1N4148UB2R

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD2920P075TF-60 LEIDITECH-SMD2920P075TF-60 Datasheet
705Kb / 4P
   Performance Specification
SMD0805P050TF-12 LEIDITECH-SMD0805P050TF-12 Datasheet
802Kb / 4P
   Performance Specification
SMD2920P400TF LEIDITECH-SMD2920P400TF Datasheet
661Kb / 4P
   Performance Specification
logo
Macronix International
MX25L6435EMI-10G MCNIX-MX25L6435EMI-10G Datasheet
1Mb / 75P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6445EM2 MCNIX-MX25L6445EM2 Datasheet
2Mb / 72P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L12835EMI-10G MCNIX-MX25L12835EMI-10G Datasheet
1Mb / 87P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L12855EMI-10G MCNIX-MX25L12855EMI-10G Datasheet
2Mb / 81P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6445EM MCNIX-MX25L6445EM Datasheet
2Mb / 72P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6455EMI-10G MCNIX-MX25L6455EMI-10G Datasheet
3Mb / 71P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
logo
Tyco Electronics
108-5246 MACOM-108-5246 Datasheet
305Kb / 21P
   This specification covers the requirements for product performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com