Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4148UB2R Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N4148UB2R
Description  PERFORMANCE SPECIFICATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4148UB2R Datasheet(HTML) 2 Page - Microsemi Corporation

  1N4148UB2R Datasheet HTML 1Page - Microsemi Corporation 1N4148UB2R Datasheet HTML 2Page - Microsemi Corporation 1N4148UB2R Datasheet HTML 3Page - Microsemi Corporation 1N4148UB2R Datasheet HTML 4Page - Microsemi Corporation 1N4148UB2R Datasheet HTML 5Page - Microsemi Corporation 1N4148UB2R Datasheet HTML 6Page - Microsemi Corporation 1N4148UB2R Datasheet HTML 7Page - Microsemi Corporation 1N4148UB2R Datasheet HTML 8Page - Microsemi Corporation 1N4148UB2R Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MIL-PRF-19500/116L
2
1.4 Primary electrical characteristics at TA = +25
GC, unless otherwise indicated.
Type
(1)
VF1
VF2
IR1 at
VR = 20 V dc
IR2 at
VR = 75 V dc
1N914
1N4148-1
1N4531
IF mA dc
10
10
10
V dc
0.8
0.8
0.8
IF mA dc
50
100
100
V dc
1.2
1.2
1.2
nA dc
25
25
25
2A dc
0.5
0.5
0.5
Type
(1)
IR3 at
VR = 20 V dc
TA = 150
GC
IR4 at
VR = 75 V dc
TA = 150
GC
tfr at
Vfr = 5.0 V dc (pk) and
IF = 50 mA dc
trr
1N914
1N4148-1
1N4531
2A dc
35
35
35
2A dc
75
75
75
ns
20
20
20
ns
5
5
5
(1) Electrical characteristics for surface mount devices are equivalent to the corresponding non-surface mount
devices unless otherwise noted.
2. APPLICABLE DOCUMENTS
2.1 General. The documents listed in this section are specified in sections 3 and 4 of this specification. This
section does not include documents cited in other sections of this specification or recommended for additional
information or as examples. While every effort has been made to ensure the completeness of this list, document
users are cautioned that they must meet all specified requirements documents cited in sections 3 and 4 of this
specification, whether or not they are listed.
2.2 Government documents.
2.2.1 Specifications, standards, and handbooks. The following specifications, standards, and handbooks form a
part of this document to the extent specified herein. Unless otherwise specified, the issues of these documents are
those listed in the issue of the Department of Defense Index of Specifications and Standards (DoDISS) and
supplement thereto, cited in the solicitation (see 6.2).
SPECIFICATION
DEPARTMENT OF DEFENSE
MIL-PRF-19500
-
Semiconductor Devices, General Specification for.
STANDARD
DEPARTMENT OF DEFENSE
MIL-STD-750
-
Test Methods for Semiconductor Devices.
(Unless otherwise indicated, copies of the above specifications, standards, and handbooks are available from the
Document Automation and Production Services (DAPS), Building 4D (DPM-DODSSP), 700 Robbins Avenue,
Philadelphia, PA 19111-5094.)


Similar Part No. - 1N4148UB2R

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4148UR-1 CDI-DIODE-1N4148UR-1 Datasheet
33Kb / 2P
   SWITCHING DIODE
logo
Microsemi Corporation
1N4148UR-1 MICROSEMI-1N4148UR-1 Datasheet
63Kb / 1P
   MINI-MELF-SMD Silicon Diode
1N4148UR-1 MICROSEMI-1N4148UR-1 Datasheet
50Kb / 2P
   SWITCHING DIODE
1N4148UR-1 MICROSEMI-1N4148UR-1 Datasheet
85Kb / 1P
   SWITCHING DIODE
logo
M/A-COM Technology Solu...
1N4148UR-1 MA-COM-1N4148UR-1 Datasheet
601Kb / 3P
   Hermetically Sealed
More results

Similar Description - 1N4148UB2R

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD2920P075TF-60 LEIDITECH-SMD2920P075TF-60 Datasheet
705Kb / 4P
   Performance Specification
SMD0805P050TF-12 LEIDITECH-SMD0805P050TF-12 Datasheet
802Kb / 4P
   Performance Specification
SMD2920P400TF LEIDITECH-SMD2920P400TF Datasheet
661Kb / 4P
   Performance Specification
logo
Macronix International
MX25L6435EMI-10G MCNIX-MX25L6435EMI-10G Datasheet
1Mb / 75P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6445EM2 MCNIX-MX25L6445EM2 Datasheet
2Mb / 72P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L12835EMI-10G MCNIX-MX25L12835EMI-10G Datasheet
1Mb / 87P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L12855EMI-10G MCNIX-MX25L12855EMI-10G Datasheet
2Mb / 81P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6445EM MCNIX-MX25L6445EM Datasheet
2Mb / 72P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6455EMI-10G MCNIX-MX25L6455EMI-10G Datasheet
3Mb / 71P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
logo
Tyco Electronics
108-5246 MACOM-108-5246 Datasheet
305Kb / 21P
   This specification covers the requirements for product performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com