Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494 Datasheet(PDF) 11 Page - Texas Instruments

Part # TL494
Description  TL494 Pulse-Width-Modulation Control Circuits
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL494 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL494_15 Datasheet HTML 7Page - Texas Instruments TL494_15 Datasheet HTML 8Page - Texas Instruments TL494_15 Datasheet HTML 9Page - Texas Instruments TL494_15 Datasheet HTML 10Page - Texas Instruments TL494_15 Datasheet HTML 11Page - Texas Instruments TL494_15 Datasheet HTML 12Page - Texas Instruments TL494_15 Datasheet HTML 13Page - Texas Instruments TL494_15 Datasheet HTML 14Page - Texas Instruments TL494_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
T
T
1
f
2R
C
=
´
T
T
1
f
R
C
=
´
OSC
T
T
1
f
R
C
=
´
T
CHARGE
3 V
C
T
I
´
=
CHARGE
T
3 V
I
R
=
TL494
www.ti.com
SLVS074G – JANUARY 1983 – REVISED JANUARY 2015
Feature Description (continued)
9.3.2 Oscillator
The oscillator provides a positive sawtooth waveform to the dead-time and PWM comparators for comparison to
the various control signals.
The frequency of the oscillator is programmed by selecting timing components RT and CT. The oscillator charges
the external timing capacitor, CT, with a constant current, the value of which is determined by the external timing
resistor, RT. This produces a linear-ramp voltage waveform. When the voltage across CT reaches 3 V, the
oscillator circuit discharges it, and the charging cycle is reinitiated. The charging current is determined by the
formula:
(1)
The period of the sawtooth waveform is:
(2)
The frequency of the oscillator becomes:
(3)
However, the oscillator frequency is equal to the output frequency only for single-ended applications. For push-
pull applications, the output frequency is one-half the oscillator frequency.
Single-ended applications:
(4)
Push-pull applications:
(5)
9.3.3 Dead-time Control
The dead-time control input provides control of the minimum dead time (off time). The output of the comparator
inhibits switching transistors Q1 and Q2 when the voltage at the input is greater than the ramp voltage of the
oscillator. An internal offset of 110 mV ensures a minimum dead time of
∼3% with the dead-time control input
grounded. Applying a voltage to the dead-time control input can impose additional dead time. This provides a
linear control of the dead time from its minimum of 3% to 100% as the input voltage is varied from 0 V to 3.3 V,
respectively. With full-range control, the output can be controlled from external sources without disrupting the
error amplifiers. The dead-time control input is a relatively high-impedance input (II < 10 μA) and should be used
where additional control of the output duty cycle is required. However, for proper control, the input must be
terminated. An open circuit is an undefined condition.
9.3.4 Comparator
The comparator is biased from the 5-V reference regulator. This provides isolation from the input supply for
improved stability. The input of the comparator does not exhibit hysteresis, so protection against false triggering
near the threshold must be provided. The comparator has a response time of 400 ns from either of the control-
signal inputs to the output transistors, with only 100 mV of overdrive. This ensures positive control of the output
within one-half cycle for operation within the recommended 300-kHz range.
Copyright © 1983–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TL494


Similar Part No. - TL494_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL494 UTC-TL494_15 Datasheet
317Kb / 8P
   VOLTAGE MODE PWM CONTROL CIRCUIT
More results

Similar Description - TL494_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com