Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-520 Datasheet(PDF) 1 Page - ON Semiconductor

Part # STK672-520
Description  2-phase Stepping Motor Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-520 Datasheet(HTML) 1 Page - ON Semiconductor

  STK672-520 Datasheet HTML 1Page - ON Semiconductor STK672-520 Datasheet HTML 2Page - ON Semiconductor STK672-520 Datasheet HTML 3Page - ON Semiconductor STK672-520 Datasheet HTML 4Page - ON Semiconductor STK672-520 Datasheet HTML 5Page - ON Semiconductor STK672-520 Datasheet HTML 6Page - ON Semiconductor STK672-520 Datasheet HTML 7Page - ON Semiconductor STK672-520 Datasheet HTML 8Page - ON Semiconductor STK672-520 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
82912HKPC 018-08-0039 No. A1179-1/23
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
June, 2013
STK672-520
Overview
The STK672-520 is a hybrid IC for use as a unipolar, 2-phase stepping motor driver with PWM current control.
Applications
• Office photocopiers, printers, etc.
Features
• The motor speed can be controlled by the frequency of an external clock signal.
• 2-phase excitation or 1-2 phase excitation is selected according to switching the state of the MODE pin (low or high).
• The phase is maintained even if the excitation mode is switched in the middle of operation.
• The direction of rotation can be changed by applying a high or low signal to the CWB pin used to select the direction
of rotation.
• Supports schmitt input for 2.5V high level input.
• Incorporating a current detection resistor (0.33Ω: resistor tolerance ±2%), motor current can be set using two external
resistors.
• Equipped with an ENABLE pin that, during clock input, allows motor output to be cut-off and resumed later while
maintaining the same excitation timing.
Ordering number : ENA1179
Thick-Film Hybrid IC
2-phase Stepping Motor Driver


Similar Part No. - STK672-520

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-520 SANYO-STK672-520 Datasheet
147Kb / 23P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results

Similar Description - STK672-520

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com