Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-630CN-E Datasheet(PDF) 27 Page - ON Semiconductor

Part # STK672-630CN-E
Description  2-phase Stepper Motor Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-630CN-E Datasheet(HTML) 27 Page - ON Semiconductor

Back Button STK672-630CN-E Datasheet HTML 23Page - ON Semiconductor STK672-630CN-E Datasheet HTML 24Page - ON Semiconductor STK672-630CN-E Datasheet HTML 25Page - ON Semiconductor STK672-630CN-E Datasheet HTML 26Page - ON Semiconductor STK672-630CN-E Datasheet HTML 27Page - ON Semiconductor STK672-630CN-E Datasheet HTML 28Page - ON Semiconductor STK672-630CN-E Datasheet HTML 29Page - ON Semiconductor STK672-630CN-E Datasheet HTML 30Page - ON Semiconductor STK672-630CN-E Datasheet HTML 31Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
STK672-630CN-E
No.2316-27/31
6. Mitigated Curve of Package Power Loss, PdPK, vs. Ambient Temperature, Ta
Package power loss, PdPK, refers to the average internal power loss, PdAV, allowable without a heat sink.
The figure below represents the allowable power loss, PdPK, vs. fluctuations in the ambient temperature, Ta.
Power loss of up to 3.1W is allowable at Ta=25
C, and of up to 1.75W at Ta=60C.
* The package thermal resistance θc-a is 25.8°C/W.
0
0.5
1
1.5
2
2.5
3
3.5
0
20406080
100
120
Ambient temperature, Ta -
°C
Allowable power dissipation, PdPK (no heat sink) - Ambient temperature, Ta


Similar Part No. - STK672-630CN-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-630C-E ONSEMI-STK672-630C-E Datasheet
243Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results

Similar Description - STK672-630CN-E

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
   2-phase Stepper Motor Driver
January, 2014 Ver. 2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
   2-phase Stepper Motor Driver
January 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
   2-Phase Stepper-Motor Driver
2005-07-20
logo
Renesas Technology Corp
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
   2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
logo
ON Semiconductor
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com