Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP-3027HA-QT Datasheet(PDF) 1 Page - ON Semiconductor

Part # TCP-3027HA-QT
Description  Passive Tunable Integrated Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCP-3027HA-QT Datasheet(HTML) 1 Page - ON Semiconductor

  TCP-3027HA-QT Datasheet HTML 1Page - ON Semiconductor TCP-3027HA-QT Datasheet HTML 2Page - ON Semiconductor TCP-3027HA-QT Datasheet HTML 3Page - ON Semiconductor TCP-3027HA-QT Datasheet HTML 4Page - ON Semiconductor TCP-3027HA-QT Datasheet HTML 5Page - ON Semiconductor TCP-3027HA-QT Datasheet HTML 6Page - ON Semiconductor TCP-3027HA-QT Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2015
August, 2015 − Rev. 2
1
Publication Order Number:
TCP−3027HA/D
TCP-3027HA
High Linearity 2.7 pF
Passive Tunable Integrated
Circuits (PTIC)
Introduction
ON Semiconductor’s PTICs have excellent RF performance and
power consumption, making them suitable for any mobile handset or
radio application. The fundamental building block of our PTIC
product line is a tunable material called ParaScan
t, based on Barium
Strontium Titanate (BST). PTICs have the ability to change their
capacitance from a supplied bias voltage generated by the Control IC.
TCP−3027HA has improved linearity for use in applications where
lower harmonic performance is required. The 2.7 pF high linearity
PTICs are available in QFN packages for easy mounting directly on
printed circuit boards.
Key Features
High Tuning Range and Operation up to 20 V
Usable Frequency Range: from 700 MHz to 2.7 GHz
High Quality Factor (Q) for Low Loss
High Power Handling Capability
Compatible with PTIC Control IC TCC-103, TCC−206
QFN Package: 1.200 x 1.600 x 0.950 mm
QFN: MSL−2 Moisture Sensitivity Level (per J−STD−020)
These devices are Pb−Free and RoHS Compliant
Typical Applications
Multi-band, Multi-standard, Advanced and Simple Mobile Phones
Tunable Antenna Matching Networks
Tunable RF Filters
Active Antennas
www.onsemi.com
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
X.X = 2.7
A
= High Linearity
X.XA
QFN6
1.6x1.2
CASE 485DX
TCP−3027HA−QT
QFN6
(Pb−Free)
8000 Units /
13“ Reel
FUNCTIONAL BLOCK DIAGRAM
PTIC Functional Block Diagram
PTIC
Bias
RF1
RF2
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - TCP-3027HA-QT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCP-3027H ONSEMI-TCP-3027H Datasheet
371Kb / 9P
   2.7 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P2
More results

Similar Description - TCP-3027HA-QT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCP-3118H ONSEMI-TCP-3118H Datasheet
124Kb / 7P
   Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-4118UB ONSEMI-TCP-4118UB Datasheet
223Kb / 7P
   Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-4112UB ONSEMI-TCP-4112UB Datasheet
231Kb / 7P
   Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3112H ONSEMI-TCP-3112H Datasheet
227Kb / 7P
   Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3133H ONSEMI-TCP-3133H Datasheet
209Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-4139UB ONSEMI-TCP-4139UB Datasheet
239Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3127H ONSEMI-TCP-3127H Datasheet
233Kb / 7P
   2.7 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3033N ONSEMI-TCP-3033N Datasheet
224Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
January, 2015 ??Rev. 1
TCP-3139H ONSEMI-TCP-3139H Datasheet
217Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2
TCP-3068N ONSEMI-TCP-3068N Datasheet
243Kb / 7P
   6.8 pF Passive Tunable Integrated Circuits
October, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com