Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78225-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS78225-Q1
Description  150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS78225-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS78225-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS78225-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS78225-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS78225-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS78225-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS78225-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS78225-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS78225-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS78225-Q1_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
10
100
1k
10k
100k
Frequency(Hz)
100
10
1
0.1
0.01
0.001
150mA
109 V
m
RMS
50mA
109 V
m
RMS
1mA
108 V
m
RMS
10
10M
100
1k
10k
100k
1M
Frequency(Hz)
80
70
60
50
40
30
20
10
0
150mA
50mA
1mA
TPS78225-Q1, TPS78227-Q1
TPS78228-Q1, TPS78230-Q1
SBVS138 – DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS (continued)
TJ = –40°C to 125°C, VIN = VOUT(TYP) + 0.5 V or 2.2 V, whichever is greater; IOUT = 100 μA, VEN = VIN, COUT = 1 μF, CIN = 1 μF
(unless otherwise noted)
OUTPUT SPECTRAL NOISE DENSITY
RIPPLE REJECTION
vs
vs
FREQUENCY
FREQUENCY
CIN = 1 μF, COUT = 2.2 μF, VIN = 3.2 V
VIN = 4.2 V, VOUT = 2.7 V, COUT = 2.2 μF
TPS78227
TPS78227
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS78225-Q1 TPS78227-Q1 TPS78228-Q1 TPS78230-Q1


Similar Part No. - TPS78225-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
More results

Similar Description - TPS78225-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1 Datasheet
574Kb / 18P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
TPS782 TI1-TPS782_16 Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782 TI-TPS782 Datasheet
1Mb / 28P
[Old version datasheet]   TPS782 500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783 TI-TPS783_15 Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
logo
ON Semiconductor
NCP752 ONSEMI-NCP752 Datasheet
1Mb / 21P
   200 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, Low Dropout Regulator
April, 2013 ??Rev. 2
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com