Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1300940266 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300940266
Description  Standard Duty Support Grip, Offset Eye, Closed Mesh, Single Weave, Cable Diameter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1300940266 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300940266 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300940266
Status:
Active
Overview:
Support Grips
Description:
Standard Duty Support Grip, Offset Eye, Closed Mesh, Single Weave, Cable Diameter
50.80-63.25mm (2.000-2.490"), Approximate Break Strength 1705.51kg (3760 lbs),
Stainless Steel
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Grips
Series
130094
Eye Type
Offset
NEMA Rating
NEMA 4
O-Ring
No
Overview
Support Grips
Product Name
Standard Duty
Type
Support Grip
UPC
78678809785
Woodhead
Yes
Physical
Approximate Break Strength
1705.51kg (3760 lbs)
Bale Length
0.152m (6.00")
Body Style
Straight
Cable Diameter
50.80-63.25mm (2.000-2.490")
Color - Grommet
N/A
Gender
N/A
Material - Body
N/A
Material - Grip
Stainless Steel
Mesh Length
0.559m (22.00")
Number of Holes
N/A
Thread Size
N/A
Material Info
Old Part Number
35067SS
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130094 Series
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1300940266

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300940260 MOLEX11-1300940260 Datasheet
29Kb / 1P
   Standard Duty Support Grip, Offset Eye, Closed Mesh, Single Weave,
1300940261 MOLEX11-1300940261 Datasheet
29Kb / 1P
   Standard Duty Support Grip, Offset Eye, Closed Mesh, Single Weave, Cable Diameter
1300940262 MOLEX11-1300940262 Datasheet
29Kb / 1P
   Standard Duty Support Grip, Offset Eye, Closed Mesh, Single Weave, Cable Diameter
1300940263 MOLEX11-1300940263 Datasheet
29Kb / 1P
   Standard Duty Support Grip, Offset Eye, Closed Mesh, Single Weave, Cable Diameter
1300940264 MOLEX11-1300940264 Datasheet
29Kb / 1P
   Standard Duty Support Grip, Offset Eye, Closed Mesh, Single Weave, Cable Diameter
More results

Similar Description - 1300940266

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130094-0264 MOLEX11-130094-0264 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Closed Mesh, Single Weave, Cable Diameter
1300940253 MOLEX11-1300940253 Datasheet
29Kb / 1P
   Standard Duty Support Grip, Offset Eye, Closed Mesh, Single Weave, Cable Diameter
1300940254 MOLEX11-1300940254 Datasheet
29Kb / 1P
   Standard Duty Support Grip, Offset Eye, Closed Mesh, Single Weave, Cable Diameter
130094-0253 MOLEX11-130094-0253 Datasheet
37Kb / 1P
   Standard Duty Support Grip, Offset Eye, Closed Mesh, Single Weave, Cable Diameter
130094-0256 MOLEX11-130094-0256 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Closed Mesh, Single Weave, Cable Diameter
130094-0260 MOLEX11-130094-0260 Datasheet
36Kb / 1P
   Standard Duty Support Grip, Offset Eye, Closed Mesh, Single Weave, Cable Diameter
1300940264 MOLEX11-1300940264 Datasheet
29Kb / 1P
   Standard Duty Support Grip, Offset Eye, Closed Mesh, Single Weave, Cable Diameter
130094-0255 MOLEX11-130094-0255 Datasheet
37Kb / 1P
   Standard Duty Support Grip, Offset Eye, Closed Mesh, Single Weave, Cable Diameter
1300940251 MOLEX11-1300940251 Datasheet
29Kb / 1P
   Standard Duty Support Grip, Offset Eye, Closed Mesh, Single Weave, Cable Diameter
1300940252 MOLEX11-1300940252 Datasheet
29Kb / 1P
   Standard Duty Support Grip, Offset Eye, Closed Mesh, Single Weave, Cable Diameter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com