Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N29071AXC Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N29071AXC
Description  SWITCHING TRANSISTOR PNP SILICON
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N29071AXC Datasheet(HTML) 1 Page - Microsemi Corporation

  2N29071AXC Datasheet HTML 1Page - Microsemi Corporation 2N29071AXC Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2N2907ADIE
A Microsemi Company
580 Pleasant St.
Phone: 617-924-9280
Watertown, MA 02172
Fax:
617-924-1235
DIE SPECIFICATION
SWITCHING TRANSISTOR
PNP SILICON
FEATURES:
n ELECTRICAL PERFORMANCE I.A.W. MIL-PRF-19500/291
n AVAILABLE IN WAFER OR CHIP FORM FOR HYBRID APPLICATIONS
n GENERAL PURPOSE-HIGH SPEED SWITCHING APPLICATIONS
n LOW VCE(sat): .4V @ IC = 150 mAdc
Absolute Maximum Ratings:
Symbol
Parameter
Limit
Unit
Vceo
Collector-Emitter Voltage
60
Vdc
Vcbo
Collector-Base Voltage
60
Vdc
Vebo
Emitter-Base Voltage
5.0
Vdc
Ic
Collector Current- Continuous
600
mAdc
Tj, Tstg
Operating Junction & Storage
-65 to +200 °C
Temperature Range
Sertech reserves the right to make changes to any product design, specification, or other information at any time without
prior notice.
Data Sheet, Die, 2N2907A MSW Rev. - 4/14/98
PHYSICAL DIMENSIONS
Packaging Options:
W: Wafer (100% probed)
U: Wafer (sample probed)
D:
Chip (Waffle Pack)
B: Chip (Vial)
V:
Chip (Waffle Pack, 100% visually inspected) X: Other
Processing Options:
Standard: Capable of JANTXV applications (No Suffix)
Suffix C:
Commercial
Suffix S:
Capable of S-Level equivalent applications
Metallization Options:
Standard: Al Top
/ Au Backside (No Dash #)
Dash 1:
Al Top
/
TiPdAg Backside
ORDERING INFORMATION:
PART #: 2N2907A_ _ - _
First Suffix Letter: Packaging Option
Second Suffix Letter: Processing Option
Dash #:
Metallization Option
MSC0948.PDF


Similar Part No. - 2N29071AXC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2907 PHILIPS-2N2907 Datasheet
52Kb / 8P
   PNP switching transistors
1997 May 30
logo
Micro Commercial Compon...
2N2907 MCC-2N2907 Datasheet
415Kb / 3P
   PNP Switching Transistors
logo
TT Electronics.
2N2907 TTELEC-2N2907 Datasheet
224Kb / 4P
   Surface Mount Quad PNP Transistor
logo
STMicroelectronics
2N2907 STMICROELECTRONICS-2N2907 Datasheet
233Kb / 4P
   1.8W PNP GENERAL PURPOSE SAMLL SIGNAL TRANSISTORS
logo
Micro Commercial Compon...
2N2907 MCC-2N2907 Datasheet
459Kb / 3P
   PNP Switching Transistors
More results

Similar Description - 2N29071AXC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT4403LT1 ONSEMI-MMBT4403LT1 Datasheet
147Kb / 8P
   Switching Transistor(PNP Silicon)
September, 2004 ??Rev. 3
logo
Siemens Semiconductor G...
SMBT4126 SIEMENS-SMBT4126 Datasheet
96Kb / 4P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MMBT4403WT1 ONSEMI-MMBT4403WT1 Datasheet
177Kb / 6P
   Switching Transistor PNP Silicon
March, 2005 ??Rev. 2
logo
Infineon Technologies A...
SMBT2907A INFINEON-SMBT2907A Datasheet
141Kb / 7P
   PNP Silicon Switching Transistor
Jun-12-2002
logo
Zowie Technology Corpor...
MMBT4403GH ZOWIE-MMBT4403GH Datasheet
558Kb / 5P
   Switching Transistor PNP Silicon
logo
NTE Electronics
NTE106 NTE-NTE106 Datasheet
24Kb / 2P
   Silicon PNP Transistor Switching Transistor
logo
Siemens Semiconductor G...
PZT3906 SIEMENS-PZT3906 Datasheet
119Kb / 5P
   PNP Silicon Switching Transistor
logo
ON Semiconductor
MPS3638A ONSEMI-MPS3638A Datasheet
215Kb / 8P
   Switching Transistor(PNP Silicon)
1997
logo
Microsemi Corporation
2N3250A MICROSEMI-2N3250A Datasheet
58Kb / 2P
   PNP SILICON SWITCHING TRANSISTOR
logo
Siemens Semiconductor G...
SMBT2907A SIEMENS-SMBT2907A Datasheet
248Kb / 7P
   PNP Silicon Switching Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com