Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44840 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44840
Description  SMP Male Connector Solder Attachment Thru Hole PCB, Up To 8 GHz Smooth Bore
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44840 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44840 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44840 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44840 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMP Male Connector Solder Attachment Thru Hole PCB, Up To 8 GHz Smooth Bore from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Connector Solder Attachment Thru Hole PCB, Up To 8 GHz Smooth Bore PE44840
URL: http://www.pasternack.com/smp-male-standard-thru-hole-pcb-connector-pe44840-p.aspx
SMP Male Connector Solder Attachment Thru
Hole PCB, Up To 8 GHz Smooth Bore
PE44840
PE44840 REV 1.0


Similar Part No. - PE44840

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4484 PASTERNACK-PE4484 Datasheet
262Kb / 2P
   N Male Right Angle Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4484 PASTERNACK-PE4484 Datasheet
371Kb / 4P
   N Male Right Angle Connector Crimp/Solder Attachment
PE44841 PASTERNACK-PE44841 Datasheet
253Kb / 2P
   SMP Female Push-On Connector Solder Attachment For RG178, RG196
PE44842 PASTERNACK-PE44842 Datasheet
243Kb / 2P
   SSMB Jack Bulkhead Connector Crimp - Solder Attachment For RG316-DS, RG188-DS, .126 inch D Hole
PE44843 PASTERNACK-PE44843 Datasheet
270Kb / 3P
   BNC Male Right Angle Connector Crimp-Solder Attachment For PE-C200, LMR-200
More results

Similar Description - PE44840

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44879 PASTERNACK-PE44879 Datasheet
380Kb / 3P
   SMP Male Smooth Bore Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44966 PASTERNACK-PE44966 Datasheet
373Kb / 3P
   SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB 3 Leg Version
PE44779 PASTERNACK-PE44779 Datasheet
252Kb / 3P
   SMP Male Hermetically Sealed Connector Solder Attachment Thru Hole PCB, Up To 8 GHz
PE44780 PASTERNACK-PE44780 Datasheet
251Kb / 3P
   SMP Male Hermetically Sealed Connector Solder Attachment Thru Hole PCB, Up To 8 GHz
PE44910 PASTERNACK-PE44910 Datasheet
375Kb / 3P
   SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.140 Pin Length
PE44967 PASTERNACK-PE44967 Datasheet
379Kb / 3P
   SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.170 Pin Length
PE44776 PASTERNACK-PE44776 Datasheet
259Kb / 3P
   SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB, Square Body, Up To 8 GHz
PE44775 PASTERNACK-PE44775 Datasheet
258Kb / 3P
   SMP Male Full Detent Connector Solder Attachment Thru Hole PCB, Round Body, Up To 8 GHz
PE44480 PASTERNACK-PE44480 Datasheet
231Kb / 3P
   SMP Male Connector Solder Attachment Thru Hole PCB
PE44777 PASTERNACK-PE44777 Datasheet
249Kb / 3P
   SMP Male Connector Solder Attachment End Launch PCB, Up To 8 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com