Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP451AFCT2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP451AFCT2G
Description  3A Ultra-Small Low Ron
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP451AFCT2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP451AFCT2G Datasheet HTML 4Page - ON Semiconductor NCP451AFCT2G Datasheet HTML 5Page - ON Semiconductor NCP451AFCT2G Datasheet HTML 6Page - ON Semiconductor NCP451AFCT2G Datasheet HTML 7Page - ON Semiconductor NCP451AFCT2G Datasheet HTML 8Page - ON Semiconductor NCP451AFCT2G Datasheet HTML 9Page - ON Semiconductor NCP451AFCT2G Datasheet HTML 10Page - ON Semiconductor NCP451AFCT2G Datasheet HTML 11Page - ON Semiconductor NCP451AFCT2G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NCP451
www.onsemi.com
11
PACKAGE DIMENSIONS
WLCSP6, 1.40x0.90
CASE 567KB
ISSUE A
SEATING
PLANE
0.25 C
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. COPLANARITY APPLIES TO SPHERICAL
CROWNS OF SOLDER BALLS.
2X
DIM
A
MIN
NOM
−−−
MILLIMETERS
A1
D
E
b
0.195
−−−
e
0.50 BSC
−−−
D
E
A
B
PIN A1
REFERENCE
e
A
0.05
B
C
0.03 C
0.05 C
6X
b
AB
C
1
2
0.10 C
A
A1
A2
C
0.142
−−−
0.25 C
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 3
e
A2
PITCH
0.25
6X
DIMENSIONS: MILLIMETERS
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.50
0.50
RECOMMENDED
A1
PACKAGE
OUTLINE
PITCH
e/2
−−−
0.320
−−−
1.400
−−−
0.900
0.235
0.510
0.172
0.338
1.440
0.940
MAX


Similar Part No. - NCP451AFCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4523 ONSEMI-NCP4523 Datasheet
132Kb / 24P
   CMOS 3CH-LDOs for RF Unit
December, 2004 ??Rev. 4
NCP4523 ONSEMI-NCP4523 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP4523 ONSEMI-NCP4523 Datasheet
127Kb / 24P
   CMOS 3CH?묹DOs for RF Unit
September, 2005 ??Rev. 6
NCP4523G1T1 ONSEMI-NCP4523G1T1 Datasheet
132Kb / 24P
   CMOS 3CH-LDOs for RF Unit
December, 2004 ??Rev. 4
NCP4523G1T1 ONSEMI-NCP4523G1T1 Datasheet
127Kb / 24P
   CMOS 3CH?묹DOs for RF Unit
September, 2005 ??Rev. 6
More results

Similar Description - NCP451AFCT2G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2236090 UTC-US2236090 Datasheet
136Kb / 5P
   ULTRA-SMALL, LOW-INPUTVOLTAGE LOW RON LOAD SWITCH
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Texas Instruments
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903 TI-TPS22903 Datasheet
494Kb / 14P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236060B UTC-US2236060B Datasheet
186Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236108DB UTC-US2236108DB Datasheet
197Kb / 5P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON LOAD SWITCH
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236095D UTC-US2236095D Datasheet
159Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com