Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP458RFCT2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP458RFCT2G
Description  4 A Single Load Switch for Low Voltage Rail
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP458RFCT2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP458RFCT2G Datasheet HTML 1Page - ON Semiconductor NCP458RFCT2G Datasheet HTML 2Page - ON Semiconductor NCP458RFCT2G Datasheet HTML 3Page - ON Semiconductor NCP458RFCT2G Datasheet HTML 4Page - ON Semiconductor NCP458RFCT2G Datasheet HTML 5Page - ON Semiconductor NCP458RFCT2G Datasheet HTML 6Page - ON Semiconductor NCP458RFCT2G Datasheet HTML 7Page - ON Semiconductor NCP458RFCT2G Datasheet HTML 8Page - ON Semiconductor NCP458RFCT2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NCP458R, NCP459
http://onsemi.com
4
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
IN, OUT, EN, VBIAS, GATE Pins: (Note 1)
VEN, VIN , VOUT,
VBIAS, VGATE
−0.3 to +6.5
V
From IN to OUT Pins: Input/Output (Note 1) NCP459
VIN , VOUT
0 to + 6.5
V
From IN to OUT Pins: Input/Output (Note 1) NCP458R
VIN , VOUT
±6.5
V
Human Body Model (HBM) ESD Rating are (Note 2)
ESD HBM
2000
V
Machine Model (MM) ESD Rating are (Note 2)
ESD MM
200
V
Latch−up protection (Note 3)
− Pins IN, OUT, EN, VBIAS and GATE
LU
100
mA
Maximum Junction Temperature
TJ
−40 to + 125
°C
Storage Temperature Range
TSTG
−40 to + 150
°C
Moisture Sensitivity (Note 4)
MSL
Level 1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. According to JEDEC standard JESD22−A108.
2. This device series contains ESD protection and passes the following tests:
Human Body Model (HBM)
±2.0 kV per JEDEC standard:
JESD22−A114 for all pins.
Machine Model (MM)
±250 V per JEDEC standard: JESD22−A115 for all pins.
3. Latch up Current Maximum Rating:
±100 mA per JEDEC standard: JESD78 class II.
4. Moisture Sensitivity Level (MSL): 1 per IPC/JEDEC standard: J−STD−020.
OPERATING CONDITIONS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Operational Power Supply
0.75
5.5
V
VEN
Enable Voltage
0
5.5
V
VBIAS
Bias voltage (VBIAS ≥ best of VIN, VOUT)
1.2
5.5
V
TA
Ambient Temperature Range
− 40
25
+ 85
°C
CIN
Decoupling input capacitor
100
nF
COUT
Decoupling output capacitor
100
nF
RqJA
Thermal Resistance Junction to Air
CSP8 (Note 5)
90
°C/W
IOUT
DC current
4
4.5
A
AC current 1 ms @ 217 Hz
5
A
AC current 100
ms spike
15
A
PD
Power Dissipation Rating (Note 6)
0.315
W
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
5. The RqJA is dependent of the PCB heat dissipation and thermal via.
6. The maximum power dissipation (PD) is given by the following formula:
P
D +
T
JMAX * TA
RqJA


Similar Part No. - NCP458RFCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4586DMU12TCG ONSEMI-NCP4586DMU12TCG Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
NCP4586DMU14TCG ONSEMI-NCP4586DMU14TCG Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
NCP4586DMU15TCG ONSEMI-NCP4586DMU15TCG Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
More results

Similar Description - NCP458RFCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP456 ONSEMI-NCP456_14 Datasheet
154Kb / 13P
   2 A Single Load Switch for Low Voltage Rail
December, 2014 ??Rev. 1
logo
Texas Instruments
TPS22960 TI1-TPS22960_16 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Input Voltage, Dual-Load Switch
TPS22965 TI1-TPS22965 Datasheet
1Mb / 25P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
TPS22967 TI1-TPS22967 Datasheet
1Mb / 26P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
logo
Renesas Technology Corp
SLG7NT408V RENESAS-SLG7NT408V Datasheet
295Kb / 12P
   Ultra-small 7.8 mW, 4 A Load Switch
February 25, 2022
SLG59M309V RENESAS-SLG59M309V Datasheet
295Kb / 11P
   Ultra-small 7.8 mW 4 A Load Switch
February 14, 2022
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com