Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP459FCT2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP459FCT2G
Description  4 A Single Load Switch for Low Voltage Rail
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP459FCT2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP459FCT2G Datasheet HTML 2Page - ON Semiconductor NCP459FCT2G Datasheet HTML 3Page - ON Semiconductor NCP459FCT2G Datasheet HTML 4Page - ON Semiconductor NCP459FCT2G Datasheet HTML 5Page - ON Semiconductor NCP459FCT2G Datasheet HTML 6Page - ON Semiconductor NCP459FCT2G Datasheet HTML 7Page - ON Semiconductor NCP459FCT2G Datasheet HTML 8Page - ON Semiconductor NCP459FCT2G Datasheet HTML 9Page - ON Semiconductor NCP459FCT2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NCP458R, NCP459
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS Min & Max Limits apply for TA between −40°C to +85°C for VIN between 0.75 V and 5.5 V,
and VBIAS between 1.2 V and 5.5 V (Unless otherwise noted). Typical values are referenced to TA = + 25°C, VIN = 3.3 V and
VBIAS = 5 V (Unless otherwise noted).
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
TIMINGS
TR
Output rise time
From 10% to 90% of
VOUT
VIN = 1 V
CLOAD = 1 mF,
RLOAD = 25 W
No cap on GATE pin
0.01
ms
Gate capacitor = 1 nF
1
Gate capacitor = 10 nF
13
Ten
Enable time From En
Vih to 10% of VOUT
VIN = 1 V
CLOAD = 1 mF,
RLOAD = 25 W
Without Cgate
10
ms
With 1 nF on Gate
0.
4
ms
TF
Output fall time
20
ms
Logic
VIH
High−level input
voltage
0.9
V
VIL
Low−level input
voltage
0.
4
V
REN
Pull down resistor
3
7
M
W
REVERSE CURRENT BLOCKING
Vrev_thr
Reverse threshold
VOUT − VIN
45
mV
Vrev_hyst
Reverse threshold
hysteresis
60
mV
Trev
Reverse comparator
response time
VOUT − Vin > Vrev_thr
2.5
ms
QUIESCENT CURRENT− NCP458R
IVBIAS
VBIAS Quiescent
current
VBIAS = 3.3 V, EN = high
1.5
6
mA
IINQ
IN Quiescent current
EN = high
0.01
0.3
mA
ISTBIN
Standby current IN
EN = low, IN standby current, VIN = 3.3 V, without
discharge path.
0.01
0.3
mA
ISTDVbias
Standby current
VBIAS
VBIAS = 3.3 V EN = low
0.4
1.5
mA
Iout_leak
Output leakage
current
IN connected to GND, VOUT = 5 V
0.01
0.5
mA
QUIESCENT CURRENT − NCP459
IVBIAS
VBIAS Quiescent
current
VBIAS = 3.3 V, EN = high
1.3
5
mA
IINQ
IN Quiescent current
EN = high
0.01
0.3
mA
ISTBIN
Standby current IN
EN = low, IN standby current, VIN = 3.3 V, with
discharge path. NCP459.
0.01
0.3
mA
ISTDVbias
Standby current
VBIAS
VBIAS = 3.3 V EN = low
0.4
1.5
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
7. Parameters are guaranteed for CLOAD and RLOAD connected to the OUT pin with respect to the ground


Similar Part No. - NCP459FCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP451 ONSEMI-NCP451 Datasheet
125Kb / 12P
   3A Ultra-Small Low Ron
July, 2015 ??Rev. 9
NCP451AFCCT2G ONSEMI-NCP451AFCCT2G Datasheet
125Kb / 12P
   3A Ultra-Small Low Ron
July, 2015 ??Rev. 9
NCP451AFCT2G ONSEMI-NCP451AFCT2G Datasheet
125Kb / 12P
   3A Ultra-Small Low Ron
July, 2015 ??Rev. 9
NCP451FCT2G ONSEMI-NCP451FCT2G Datasheet
125Kb / 12P
   3A Ultra-Small Low Ron
July, 2015 ??Rev. 9
NCP4523 ONSEMI-NCP4523 Datasheet
132Kb / 24P
   CMOS 3CH-LDOs for RF Unit
December, 2004 ??Rev. 4
More results

Similar Description - NCP459FCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP456 ONSEMI-NCP456_14 Datasheet
154Kb / 13P
   2 A Single Load Switch for Low Voltage Rail
December, 2014 ??Rev. 1
logo
Texas Instruments
TPS22960 TI1-TPS22960_16 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Input Voltage, Dual-Load Switch
TPS22965 TI1-TPS22965 Datasheet
1Mb / 25P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
TPS22967 TI1-TPS22967 Datasheet
1Mb / 26P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
logo
Renesas Technology Corp
SLG7NT408V RENESAS-SLG7NT408V Datasheet
295Kb / 12P
   Ultra-small 7.8 mW, 4 A Load Switch
February 25, 2022
SLG59M309V RENESAS-SLG59M309V Datasheet
295Kb / 11P
   Ultra-small 7.8 mW 4 A Load Switch
February 14, 2022
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com