Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5220AMNR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP5220AMNR2
Description  3?뭝n?? PWM Dual Buck and Linear Power Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5220AMNR2 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP5220AMNR2 Datasheet HTML 1Page - ON Semiconductor NCP5220AMNR2 Datasheet HTML 2Page - ON Semiconductor NCP5220AMNR2 Datasheet HTML 3Page - ON Semiconductor NCP5220AMNR2 Datasheet HTML 4Page - ON Semiconductor NCP5220AMNR2 Datasheet HTML 5Page - ON Semiconductor NCP5220AMNR2 Datasheet HTML 6Page - ON Semiconductor NCP5220AMNR2 Datasheet HTML 7Page - ON Semiconductor NCP5220AMNR2 Datasheet HTML 8Page - ON Semiconductor NCP5220AMNR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2005
December, 2005 − Rev. 4
1
Publication Order Number:
NCP5220A/D
NCP5220A
3−in−1 PWM Dual Buck and
Linear Power Controller
The NCP5220A 3−in−1 PWM Dual Buck and Linear Power
Controller, is a complete power solution for MCH and DDR memory.
This IC combines the efficiency of PWM controllers for the VDDQ
supply and the MCH core supply voltage with the simplicity of linear
regulator for the VTT termination voltage.
This IC contains two synchronous PWM buck controllers for
driving four external N−Ch FETs to form the DDR memory supply
voltage (VDDQ) and the MCH regulator. The DDR memory
termination regulator (VTT) is designed to track at half of the
reference voltage with sourcing and sinking current.
Protective features include, soft−start circuitry, undervoltage
monitoring of 5VDUAL, BOOT voltage and thermal shutdown. The
device is housed in a thermal enhanced space−saving DFN−20
package.
Features
Incorporates Synchronous PWM Buck Controllers for VDDQ and
VMCH
Integrated Power FETs with VTT Regulator Source/Sink up to 2.0 A
All External Power MOSFETs are N−Channel
Adjustable VDDQ and VMCH by External Dividers
VTT Tracks at Half the Reference Voltage
Fixed Switching Frequency of 250 kHz for VDDQ and VMCH
Doubled Switching Frequency of 500 kHz for VDDQ Controller in
Standby Mode to Optimize Inductor Current Ripple and Efficiency
Soft−Start Protection for All Controllers
Undervoltage Monitor of Supply Voltages
Overcurrent Protections for DDQ and VTT Regulators
VTT Regulators Soft−Start Current Protection
Fully Complies with ACPI Power Sequencing Specifications
Short Circuit Protection Prevents Damage to Power Supply Due to
Reverse DIMM Insertion
Thermal Shutdown
5x6 DFN−20 Package
Pb−Free Package is Available*
Typical Applications
DDR I and DDR II Memory and MCH Power Supply
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
PIN CONNECTIONS
N5220A = Device Code
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING DIAGRAM
COMP
SS
SW_DDQ
FBDDQ
PGND
BOOT
VTT
5VDUAL
VDDQ
AGND
FBVTT
SLP_S5
FB1P5
BG_DDQ
TG_DDQ
COMP_1P5
SLP_S3
TG_1P5
BG_1P5
GND_1P5
DFN−20
MN SUFFIX
CASE 505AB
1
20
N5220A
AWLYYWW
G
G
1
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NOTE: Pin 21 is the thermal pad
on the bottom of the device.
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
NCP5220AMNR2
DFN−20
2500/Tape & Reel
NCP5220AMNR2G
DFN−20
(Pb−Free)
2500/Tape & Reel
(Note: Microdot may be in either location)


Similar Part No. - NCP5220AMNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
NCP5220MNR2 ONSEMI-NCP5220MNR2 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
NCP5220MNR2G ONSEMI-NCP5220MNR2G Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
More results

Similar Description - NCP5220AMNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
NCP5210 ONSEMI-NCP5210 Datasheet
171Kb / 18P
   3-in-1 PWM Dual Buck and Linear DDR Power Controller
January, 2005 ??Rev. 4
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
logo
Anpec Electronics Corop...
APW7067N ANPEC-APW7067N_08 Datasheet
1Mb / 24P
   Synchronous Buck PWM and Linear Controller
APW7063 ANPEC-APW7063_09 Datasheet
366Kb / 22P
   Synchronous Buck PWM and Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com