Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2895-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC2895-Q1
Description  BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2895-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC2895-Q1_15 Datasheet HTML 2Page - Texas Instruments UCC2895-Q1_15 Datasheet HTML 3Page - Texas Instruments UCC2895-Q1_15 Datasheet HTML 4Page - Texas Instruments UCC2895-Q1_15 Datasheet HTML 5Page - Texas Instruments UCC2895-Q1_15 Datasheet HTML 6Page - Texas Instruments UCC2895-Q1_15 Datasheet HTML 7Page - Texas Instruments UCC2895-Q1_15 Datasheet HTML 8Page - Texas Instruments UCC2895-Q1_15 Datasheet HTML 9Page - Texas Instruments UCC2895-Q1_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
t
PERIOD
OUTA
OUTC
OUTA
OUTB
Same applies to OUTB and OUTD
Same applies to OUTC and OUTD
t
= t
– t
DELAY
f(OUTB)
f(OUTA)
t
= t
– t
DELAY
f(OUTC)
f(OUTA)
F = 180 ×
t
f (OUTC) – t f (OUTA)
t
PERIOD
or
t
f (OUTC)
f (OUTB)
t
PERIOD
– t
F = 180 ×
Space
Space
UCC2895-Q1
SLUS783C – MAY 2008 – REVISED AUGUST 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VDD = 12 V, RT = 82 kΩ, CT = 220 pF, RDELAB = 10 kΩ, RDELCD = 10 kΩ, CREF = 0.1 μF, CVDD = 0.1 μF, no load on the outputs,
TA = TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PWM Comparator
EAOUT to RAMP input offset voltage
RAMP = 0 V, DELAB = DELCD = REF
0.7
0.85
1.05
V
Minimum phase shift(4)
RAMP = 0 V, EAOUT = 650 mV
0
0.85%
1.5%
(OUTA to OUTC, OUTB to OUTD)
Delay(5)
0 V < RAMP < 2.5 V, EAOUT = 1.2 V,
tDELAY
70
120
ns
(RAMP to OUTC, RAMP to OUTD)
DELAB = DELCD = REF
IR(bias)
RAMP bias current
RAMP < 5 V, CT = 2.2 V
–5
5
μA
IR(sink)
RAMP sink current
RAMP = 5 V, CT = 2.6 V
11
19
mA
(4)
Minimum phase shift is defined as:
where:
tf(OUTA) = falling edge of OUTA signal
tf(OUTB) = falling edge of OUTB signal
tf(OUTC) = falling edge of OUTC signal
tf(OUTD) = falling edge of OUTD signal
tPERIOD = period of OUTA or OUTB signal
Space
(5)
Output delay is measured between OUTA and OUTB or between OUTC and OUTD. Output delay is defined as shown in the following
figure, where:
tf(OUTA) = falling edge of OUTA signal
tr(OUTB) = rising edge of OUTB signal
6
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated
Product Folder Link(s): UCC2895-Q1


Similar Part No. - UCC2895-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results

Similar Description - UCC2895-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI1-UCC1895_13 Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
UCC1895 TI-UCC1895 Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC2818A-Q1 TI-UCC2818A-Q1_15 Datasheet
858Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-EP TI-UCC2895-EP_15 Datasheet
795Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI-UCC1895_08 Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
   BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com