Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC24630 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC24630
Description  UCC24630 Synchronous Rectifier Controller With Ultra-Low-Standby Current
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC24630 Datasheet(HTML) 3 Page - Texas Instruments

  UCC24630_15 Datasheet HTML 1Page - Texas Instruments UCC24630_15 Datasheet HTML 2Page - Texas Instruments UCC24630_15 Datasheet HTML 3Page - Texas Instruments UCC24630_15 Datasheet HTML 4Page - Texas Instruments UCC24630_15 Datasheet HTML 5Page - Texas Instruments UCC24630_15 Datasheet HTML 6Page - Texas Instruments UCC24630_15 Datasheet HTML 7Page - Texas Instruments UCC24630_15 Datasheet HTML 8Page - Texas Instruments UCC24630_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
1
2
3
4
5
6
DRV
GND
VPC
TBLK
VSC
VDD
1
2
3
4
5
6
UCC24630
www.ti.com
SLUSC82A – MARCH 2015 – REVISED MARCH 2015
5 Pin Configuration and Functions
DBV Package
6-Pin SOT23
Top View
Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
NO.
DRV
4
O
DRiVe is an output used to drive the gate of an external synchronous rectifier N-channel MOSFET
switching transistor, with source pin connected to GND.
GND
5
G
The GrouND pin is both the reference pin for the controller and the low-side return for the drive output.
Special care should be taken to return all AC decoupling capacitors as close as possible to this pin and
avoid any common trace length with analog signal return paths.
TBLK
3
Time BLanK pin is used to select the blanking time of the VPC rising edge. A programmable range from
200 ns to 1 µs is available to prevent false detection of the primary on-time due to ringing during DCM
operation.
VDD
6
P
VDD is the bias supply input pin to the controller. A carefully placed bypass capacitor to GND is required
on this pin.
VPC
1
I
The Voltage during Primary Conduction pin is connected to a resistor divider from the SR MOSFET
drain. This pin determines a sample of the primary-side MOSFET volt seconds during the primary on-time.
This voltage programs a voltage controlled current source for the internal VPC ramp charging current.
VSC
2
I
The Voltage during Secondary Conduction pin is connected to a resistor divider from the power-supply
output. This pin determines a sample of the secondary-side output voltage used to determine SR MOSFET
conduction time. This voltage programs a voltage controlled current source for the internal VSC ramp
charging current.
(1)
P = Power, G = Ground, I = Input, O = Output, I/O = Input/Output
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: UCC24630


Similar Part No. - UCC24630_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC24630DBVR TI1-UCC24630DBVR Datasheet
1Mb / 40P
[Old version datasheet]   Synchronous Rectifier Controller
UCC24630DBVT TI1-UCC24630DBVT Datasheet
1Mb / 40P
[Old version datasheet]   Synchronous Rectifier Controller
More results

Similar Description - UCC24630_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1721AT PHILIPS-TEA1721AT Datasheet
142Kb / 14P
   Ultra-low standby SMPS controller with integrated power switch
Rev. 1-24 January 2012
logo
Texas Instruments
UCC256303 TI1-UCC256303 Datasheet
1Mb / 67P
[Old version datasheet]   LLC Resonant Controller Enabling Ultra-Low Standby Power
logo
STMicroelectronics
STCH02 STMICROELECTRONICS-STCH02 Datasheet
729Kb / 24P
   Offline PWM controller for ultra-low standby adapters
logo
Texas Instruments
UCC256403 TI1-UCC256403 Datasheet
1Mb / 62P
[Old version datasheet]   LLC Resonant Controller with Ultra-Low Audible Noise and Standby Power
logo
STMicroelectronics
L5991 STMICROELECTRONICS-L5991_01 Datasheet
415Kb / 23P
   PRIMARY CONTROLLER WITH STANDBY
L5991AD13TR STMICROELECTRONICS-L5991AD13TR Datasheet
416Kb / 23P
   PRIMARY CONTROLLER WITH STANDBY
L5991 STMICROELECTRONICS-L5991 Datasheet
427Kb / 19P
   PRIMARY CONTROLLER WITH STANDBY
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com