Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC25600 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC25600
Description  UCC25600 8-Pin High-Performance Resonant Mode Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC25600 Datasheet(HTML) 1 Page - Texas Instruments

  UCC25600_15 Datasheet HTML 1Page - Texas Instruments UCC25600_15 Datasheet HTML 2Page - Texas Instruments UCC25600_15 Datasheet HTML 3Page - Texas Instruments UCC25600_15 Datasheet HTML 4Page - Texas Instruments UCC25600_15 Datasheet HTML 5Page - Texas Instruments UCC25600_15 Datasheet HTML 6Page - Texas Instruments UCC25600_15 Datasheet HTML 7Page - Texas Instruments UCC25600_15 Datasheet HTML 8Page - Texas Instruments UCC25600_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
8
GD1
5
GD2
7
VCC
6
GND
3
2
1
4
OC
RT
DT
SS
UCC25600
+
V
S
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
UCC25600
SLUS846C – SEPTEMBER 2008 – REVISED JUNE 2015
UCC25600 8-Pin High-Performance Resonant Mode Controller
1 Features
3 Description
The UCC25600 high performance, resonant mode
1
Variable Switching Frequency Control
controller is designed for dc-to-dc applications using
Programmable Minimum Switching Frequency
resonant topologies, especially the LLC half-bridge
With 4% Accuracy (3% Accuracy at Temperature
resonant converter. This highly integrated controller
Range: –20°C to 105°C)
implements
frequency
modulation
control
and
complete system functions in only an 8-pin package.
Programmable Maximum Switching Frequency
Switching to the UCC25600 will greatly simplify the
Programmable Dead Time for Best Efficiency
system design and layout, and improve time to
Programmable Soft-Start Time
market, all at a price point lower than competitive 16-
Easy ON and OFF Control
pin device offerings.
Overcurrent Protection
The
internal
oscillator
supports
the
switching
Overtemperature Protection
frequencies from 40 kHz to 350 kHz. This high-
accuracy oscillator realizes the minimum switching
Bias Voltage UVLO and Overvoltage Protection
frequency limiting with 4% tolerance, allowing the
Integrated Gate Driver With 0.4-A Source and 0.8-
designer to avoid over-design of the power stage
A Sink Capability
and, thus, further reducing overall system cost. The
Operating Temperature Range: –40°C to 125°C
programmable
dead
time
enables
zero-voltage
switching with minimum magnetizing current. This
SOIC 8-Pin Package
maximizes system efficiency across a variety of
applications.
The
programmable
soft-start
timer
2 Applications
maximizes design flexibility demanded by the varied
100-W to 1-kW Power Supplies
requirements of end equipment using a half-bridge
topology. By incorporating a 0.4-A source and 0.8-A
LCD, Plasma, and DLP® TVs
sink driving capability, a low cost, reliable gate driver
Adaptors, Computing, and ATX Power Supplies
transformer is a real option.
Home Audio Systems
The UCC25600 delivers complete system protection
Electronic Lighting Ballasts
functions including overcurrent, UVLO, bias supply
OVP, and overtemperature protection.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
UCC25600
SOIC (8)
3.91 mm × 4.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - UCC25600_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25600 TI-UCC25600_1 Datasheet
565Kb / 23P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
More results

Similar Description - UCC25600_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25600 TI-UCC25600_1 Datasheet
565Kb / 23P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600 TI-UCC25600 Datasheet
588Kb / 22P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
UCC25600EVM TI1-UCC25600EVM Datasheet
720Kb / 24P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
   High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP1395 ONSEMI-NCP1395 Datasheet
335Kb / 27P
   High Performance Resonant Mode Controller
March, 2006 ??Rev. 1
NCP13992 ONSEMI-NCP13992 Datasheet
474Kb / 28P
   High Performance Current Mode Resonant Controller
January, 2018 ??Rev. 0
NCP1399 ONSEMI-NCP1399 Datasheet
682Kb / 44P
   High Performance Current Mode Resonant Controller
August, 2016 ??Rev. 10
NCP1399AA ONSEMI-NCP1399AA Datasheet
670Kb / 43P
   High Performance Current Mode Resonant Controller
December, 2015 ??Rev. 2
NCP1399 ONSEMI-NCP1399_17 Datasheet
693Kb / 46P
   High Performance Current Mode Resonant Controller
September, 2017 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com