Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND035VX-UHB-LED Datasheet(PDF) 5 Page - Purdy Electronics Corporation

Part # AND035VX-UHB-LED
Description  Ultra High Bright TFT LCD Color Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND035VX-UHB-LED Datasheet(HTML) 5 Page - Purdy Electronics Corporation

  AND035VX-UHB-LED Datasheet HTML 1Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 2Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 3Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 4Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 5Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 6Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 7Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408-523-8200 • Fax: 408-733-1287 • sales@purdyelectronics.com •
www.purdyelectronics.com
06/07/10
5
Demo Kit Outline Drawing (Optional)
Description:
Outline: 83.75 x 25 x 19.7 mm
Top Layer High (Max): 15 mm
Bottom Layer High (Max): 3.5 mm
Board Thickness: 1.2 mm
Four Screw Holes: φ 2.5 mm
Timing Parameters - AC Electrical Characteristics (VCC = VDD1 = 3.3V, VDD2 = 10V, GND = VSS1 = VSS2 = 0V, Ta = 25ºC)
Item
Symbol
Min.
Typ.
Max.
Unit
CLK Frequency
F
CLK
25
40
MHz
CLK Pulse Width
T
CPH
25
ns
Data Set-up Time
T
SU
4
ns
Data Hold Time
T
HD
2
ns
Propagation Delay of DIO2/1
T
PHL
6
10
15
ns
Time that the last data to LD
T
LD
1
T
CPH
Pulse Width of LD
T
WLD
2
T
CPH
Time that LD to DIO1/2
T
LDS
5
T
CPH
POL Set-up Time
T
PSU
6
ns
POL Hold Time
T
PHD
6
ns
OE Pulse Width
T
OEV
1
ls
CKV Pulse Width
T
CKV
500
ns
STV Set-up Time
T
SUV
400
ns
STV Hold Time
T
HDV
400
ns
Horizontal Display Period
T
HDP
640
T
CPH
Horizontal Period Timing Range
T
HP
800
T
CPH
Horizontal Lines Per Field
T
V
520
525
640
T
HP
Vertical Display Timing Range
T
DV
480
T
HP
AND035VX-UHB-LED
Ultra High Bright TFT LCD Color Module


Similar Part No. - AND035VX-UHB-LED

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND000802A-OLED PURDY-AND000802A-OLED Datasheet
396Kb / 4P
   Liquid Crystal Displays
AND000802A-OLED PURDY-AND000802A-OLED Datasheet
396Kb / 4P
   Liquid Crystal Displays
AND001601A-OLED PURDY-AND001601A-OLED Datasheet
396Kb / 4P
   Liquid Crystal Displays
AND001601A-OLED PURDY-AND001601A-OLED Datasheet
396Kb / 4P
   Liquid Crystal Displays
AND001602A-OLED PURDY-AND001602A-OLED Datasheet
396Kb / 4P
   Liquid Crystal Displays
More results

Similar Description - AND035VX-UHB-LED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
   TFT COLOR LCD MODULE
logo
AZ Displays
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
   color TFT LCD module
logo
Purdy Electronics Corpo...
AND-TFT-35VX-LED PURDY-AND-TFT-35VX-LED Datasheet
3Mb / 6P
   TFT LCD Color Module
logo
NEC
NL6448BC33-53 NEC-NL6448BC33-53 Datasheet
253Kb / 29P
   TFT COLOR LCD MODULE
logo
List of Unclassifed Man...
TM150XG-02L02E ETC1-TM150XG-02L02E Datasheet
233Kb / 18P
   TFT COLOR LCD MODULE
TM150XG-02L02F ETC1-TM150XG-02L02F Datasheet
235Kb / 17P
   TFT COLOR LCD MODULE
TM150XG-26L07 ETC1-TM150XG-26L07 Datasheet
200Kb / 14P
   TFT COLOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com