Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND-TFT-104LP Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND-TFT-104LP
Description  Digital TFT LCD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND-TFT-104LP Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND-TFT-104LP Datasheet HTML 1Page - Purdy Electronics Corporation AND-TFT-104LP Datasheet HTML 2Page - Purdy Electronics Corporation AND-TFT-104LP Datasheet HTML 3Page - Purdy Electronics Corporation AND-TFT-104LP Datasheet HTML 4Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
This technical specification is subject to change without notice
Specifications
Order Information
 
LCD
Input Signal
Panel Size
10.4”
VGA
D-Sub15
Resolution (Pixels)
1024x768
DVI
DVI-D
Color
262K
HDMI
1.3a
Luminance w/o TP
400 cd/㎡
Audio
Luminance (RTP)
320 cd/㎡
Amplifier
1W@8
Ω / 2W@4Ω
Luminance (PCT)
340 cd/㎡
Line-In
Stereo Input Phone Jackψ3.5
Contrast Ratio
500
Controls
View Angle
75 / 75 / 60 / 80
Key
5 Buttons
Backlight Life Time (LED)
30K (Min)
Serial Remote Control
UART / RS232 (Optional)
Power Requirement
Environment
Power Input (DC Jack 2.1ψ)
+11V ~ +28VDC
Operating Temp. w/o TP
-20~+70℃
Power Consumption@+12V
6.6 Watts (@Without Amplifier)
Storage Temp. w/o TP
-30~+70℃
Touch Screen
Operating Temp. 4W RTP
-5~+60℃
Resistive Type
USB / RS232 Interface
Storage Temp. 4W RTP
-30~+70℃
Resistive Type Support OS
Windows / Linux / DOS / Mac / QNX
Operating Temp. 5W RTP
-10~+70℃
Projected Capacitive Touch
USB Interface ( 2 Points )
Storage Temp. 5W RTP
-30~+70℃
Operating Temp. PCT
-20~+70℃
Projected Capacitive
Touch Support OS
Windows / Android / Linux
Storage Temp. PCT
-20~+70℃
Parameter
LP104X0110-FNR
LP104X0114-FNR
LP104X0115-FNR
Touch Panel Type
-
4W Resistive
4W Resistive
Touch Screen Interface
-
USB
RS232
Audio Amplifier
Audio Line-In
5 Keys
UART Remote Control
Parameter
LP104X011U-FNR
LP104X011R-FNR
Touch Panel Type
5W Resistive
5W Resistive
Touch Screen Interface
USB
RS232
Audio Amplifier
Audio Line-In
5 Keys
UART Remote Control
Option Function
Parameter
- Audio Line-Out
- RS232 Remote Control
- Back Cover
- External Key
- Light Sensor
- Accessories (Refer to Page 5)
Displays
Purdy Electronics Corporation • 755 North Pastoria Avenue • Sunnyvale, CA 94085-2918
Tel: 408-523-8200 • Fax: 408-733-1287 • sales@purdyelectronics.com •
www.purdyelectronics.com
AND-TFT-104LP


Similar Part No. - AND-TFT-104LP

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND-TFT-104TS PURDY-AND-TFT-104TS Datasheet
1,008Kb / 15P
   color TFT-LCD
More results

Similar Description - AND-TFT-104LP

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND-TFT-43AB-KIT PURDY-AND-TFT-43AB-KIT Datasheet
2Mb / 15P
   Digital TFT-LCD Module
AND-TFT-7LPTS-KIT PURDY-AND-TFT-7LPTS-KIT Datasheet
1Mb / 15P
   Digital TFT-LCD Module
logo
Sharp Corporation
LQ056A3CH01 SHARP-LQ056A3CH01 Datasheet
109Kb / 1P
   Color TFT-LCD Module(LCD TV/Digital still camera)
LQ064V1DS11 SHARP-LQ064V1DS11 Datasheet
114Kb / 1P
   Color TFT-LCD Module(LCD TV/Digital still camera)
logo
List of Unclassifed Man...
SD1010D ETC1-SD1010D Datasheet
242Kb / 40P
   Digital Interface VGA TFT LCD Display Controller
logo
Samsung semiconductor
LTM200KT10 SAMSUNG-LTM200KT10 Datasheet
539Kb / 33P
   TFT-LCD
logo
Chi Mei Corporation.
V236H1-LE2 CHIMEI-V236H1-LE2 Datasheet
654Kb / 28P
   TFT LCD
logo
Samsung semiconductor
LTI460HA01 SAMSUNG-LTI460HA01 Datasheet
642Kb / 27P
   TFT-LCD
logo
Wuxi Youda electronics ...
3Y26 YOUDA-3Y26 Datasheet
160Kb / 7P
   TFT LCD
logo
Samsung semiconductor
LTM150XH-L01 SAMSUNG-LTM150XH-L01 Datasheet
381Kb / 35P
   TFT LCD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com