Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND-TFT-104TS Datasheet(PDF) 11 Page - Purdy Electronics Corporation

Part # AND-TFT-104TS
Description  color TFT-LCD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND-TFT-104TS Datasheet(HTML) 11 Page - Purdy Electronics Corporation

Back Button AND-TFT-104TS Datasheet HTML 7Page - Purdy Electronics Corporation AND-TFT-104TS Datasheet HTML 8Page - Purdy Electronics Corporation AND-TFT-104TS Datasheet HTML 9Page - Purdy Electronics Corporation AND-TFT-104TS Datasheet HTML 10Page - Purdy Electronics Corporation AND-TFT-104TS Datasheet HTML 11Page - Purdy Electronics Corporation AND-TFT-104TS Datasheet HTML 12Page - Purdy Electronics Corporation AND-TFT-104TS Datasheet HTML 13Page - Purdy Electronics Corporation AND-TFT-104TS Datasheet HTML 14Page - Purdy Electronics Corporation AND-TFT-104TS Datasheet HTML 15Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
g
6.3 Color Data Assignment
Note 1. Definition of Gray Scale
color(n): (n) means the level of gray scale, the larger (n) means the brighter level.
Note 2. Data:1-High, 0-Low
Displays
Purdy Electronics Corporation • 755 North Pastoria Avenue • Sunnyvale, CA 94085-2918
Tel: 408-523-8200 • Fax: 408-733-1287 • sales@purdyelectronics.com •
www.purdyelectronics.com
AND-TFT-104TS


Similar Part No. - AND-TFT-104TS

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND-TFT-104LP PURDY-AND-TFT-104LP Datasheet
628Kb / 4P
   Digital TFT LCD
More results

Similar Description - AND-TFT-104TS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
   TFT COLOR LCD MODULE
logo
AZ Displays
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
   color TFT LCD module
logo
Purdy Electronics Corpo...
AND-TFT-35VX-LED PURDY-AND-TFT-35VX-LED Datasheet
3Mb / 6P
   TFT LCD Color Module
logo
AU Optronics Corp.,
M270DTN01.5 AUO-M270DTN01.5 Datasheet
2Mb / 39P
   27inch Color TFT-LCD
M215HW01VB AUO-M215HW01VB Datasheet
494Kb / 28P
   21.5inch Color TFT-LCD
logo
NEC
NL6448BC33-53 NEC-NL6448BC33-53 Datasheet
253Kb / 29P
   TFT COLOR LCD MODULE
logo
List of Unclassifed Man...
TM150XG-02L02E ETC1-TM150XG-02L02E Datasheet
233Kb / 18P
   TFT COLOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com