Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS2P2309NZ Datasheet(PDF) 5 Page - ON Semiconductor

Part # PCS2P2309NZ
Description  3.3 V 1:9 Clock Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS2P2309NZ Datasheet(HTML) 5 Page - ON Semiconductor

  PCS2P2309NZ Datasheet HTML 1Page - ON Semiconductor PCS2P2309NZ Datasheet HTML 2Page - ON Semiconductor PCS2P2309NZ Datasheet HTML 3Page - ON Semiconductor PCS2P2309NZ Datasheet HTML 4Page - ON Semiconductor PCS2P2309NZ Datasheet HTML 5Page - ON Semiconductor PCS2P2309NZ Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PCS2P2309NZ
http://onsemi.com
5
PACKAGE DIMENSIONS
SOIC−16, 150 mils
CASE 751BG−01
ISSUE O
TOP VIEW
PIN#1 IDENTIFICATION
E
D
A
e
b
A1
L
h
c
E1
SIDE VIEW
END VIEW
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC MS-012.
q
SYMBOL
MIN
NOM
MAX
θ
A
A1
b
c
D
E
E1
e
h
0.10
0.33
0.19
0.25
9.80
5.80
3.80
1.27 BSC
1.75
0.25
0.51
0.25
0.50
10.00
6.20
4.00
L
0.40
1.27
1.35
9.90
6.00
3.90


Similar Part No. - PCS2P2309NZ

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2P2309NZ PULSECORE-PCS2P2309NZ Datasheet
391Kb / 9P
   Nine Output 3.3V Buffer
PCS2P2309NZ PULSECORE-PCS2P2309NZ Datasheet
320Kb / 8P
   3.3V 1:9 Clock Buffer
PCS2P2309NZF-16-SR PULSECORE-PCS2P2309NZF-16-SR Datasheet
391Kb / 9P
   Nine Output 3.3V Buffer
PCS2P2309NZF-16-SR PULSECORE-PCS2P2309NZF-16-SR Datasheet
320Kb / 8P
   3.3V 1:9 Clock Buffer
PCS2P2309NZF-16-ST PULSECORE-PCS2P2309NZF-16-ST Datasheet
391Kb / 9P
   Nine Output 3.3V Buffer
More results

Similar Description - PCS2P2309NZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS2I2309NZ ONSEMI-PCS2I2309NZ Datasheet
110Kb / 6P
   3.3 V 1:9 Clock Buffer
October, 2014 ??Rev. 0
logo
NXP Semiconductors
PCK9447 PHILIPS-PCK9447 Datasheet
92Kb / 17P
   3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
Rev. 01-13 October 2005
logo
Renesas Technology Corp
MPC9448 RENESAS-MPC9448 Datasheet
393Kb / 14P
   3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
2019
logo
PulseCore Semiconductor
PCS2P2309NZ PULSECORE-PCS2P2309NZ_1 Datasheet
320Kb / 8P
   3.3V 1:9 Clock Buffer
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553 Datasheet
74Kb / 6P
   2.5 V / 3.3 V / 5.0 V 1:4 Clock Fanout Buffer
March, 2006 ??Rev. 0
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
NB2309A ONSEMI-NB2309A_15 Datasheet
89Kb / 9P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
MC100LVEL37 ONSEMI-MC100LVEL37_16 Datasheet
152Kb / 7P
   3.3 V ECL Clock Fanout Buffer
July, 2016 ??Rev. 7
NB2304A ONSEMI-NB2304A_10 Datasheet
155Kb / 7P
   3.3 V Zero Delay Clock Buffer
October, 2010 -- Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com