Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2825A-EP Datasheet(PDF) 11 Page - Texas Instruments

Part # UC2825A-EP
Description  HIGH-SPEED PWM CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2825A-EP Datasheet(HTML) 11 Page - Texas Instruments

Back Button UC2825A-EP_15 Datasheet HTML 7Page - Texas Instruments UC2825A-EP_15 Datasheet HTML 8Page - Texas Instruments UC2825A-EP_15 Datasheet HTML 9Page - Texas Instruments UC2825A-EP_15 Datasheet HTML 10Page - Texas Instruments UC2825A-EP_15 Datasheet HTML 11Page - Texas Instruments UC2825A-EP_15 Datasheet HTML 12Page - Texas Instruments UC2825A-EP_15 Datasheet HTML 13Page - Texas Instruments UC2825A-EP_15 Datasheet HTML 14Page - Texas Instruments UC2825A-EP_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
UDG−95111
39 W
RT
CT
10 W
5
6
VSYNC
50-W
External
Clock
UDG−95113
Master
Slave
4
5
6
5
6
39 pF
120 W
1.15 RT
CT
RT
CT
4.7 k
22 W
UDG−95112
VSYNC
VCT
UC2825A-EP
www.ti.com
SGLS305D – JULY 2005 – REVISED SEPTEMBER 2010
Synchronization
The oscillator can be synchronized by an external pulse inserted in series with the timing capacitor. Program the
free-running frequency of the oscillator to be 10% to 15% slower than the desired synchronous frequency. The
pulse width should be greater than 10 ns and less than half the discharge time of the oscillator. The rising edge
of the CLK/LEB pin can be used to generate a synchronizing pulse for other chips. Note that CLK/LEB no longer
accepts an incoming synchronizing signal.
Figure 9. General Oscillator Synchronization
Figure 10. Two-Unit Interface
Figure 11. Operational Waveforms
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): UC2825A-EP


Similar Part No. - UC2825A-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2825A-EP TI1-UC2825A-EP Datasheet
603Kb / 21P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results

Similar Description - UC2825A-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com