Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2854B-EP Datasheet(PDF) 10 Page - Texas Instruments

Part # UC2854B-EP
Description  UC2854B-EP Advanced High-Power Factor Preregulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2854B-EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button UC2854B-EP_15 Datasheet HTML 6Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 7Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 8Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 9Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 10Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 11Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 12Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 13Page - Texas Instruments UC2854B-EP_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
±
K
V
§
·
¨
¸
©
¹
UDG−03110
10
11
6
8
15
1
16
ENA
VSENSE
IAC
VRMS
VCC
GND
GTDRV
2.65 V / 2.15 V
3 V
7
VAO
13
SS
X2
A
B
C
(A) 16 V / 10 V
(B) 10.5 V / 10 V
5
MOUT
4
ISENSE
3
CAO
14
CT
OSC
12
RSET
S
Q
R
R
2
PKLMT
20 V
IC
POWER
7.5 V REF
9
REF
RUN
7.1 V
RUN
VCC
14 µA
I
MOUT
A
B
C
UC2854B-EP
SGLS318A – NOVEMBER 2005 – REVISED NOVEMBER 2015
www.ti.com
8 Detailed Description
8.1 Overview
The objective of active power factor correction is to make the input to a power supply look like a simple resistor.
An active power factor corrector does this by programming the input current in response to the input voltage. As
long as the ratio between the voltage and current is a constant the input will be resistive and the power factor will
be 1.0. When the ratio deviates from a constant the input will contain phase displacement, harmonic distortion or
both and either one will degrade the power factor. UC3854 configured as a boost converter can be used to meet
the system needs.
A boost regulator is an excellent choice for the power stage of an active power factor corrector because the input
current is continuous and this produces the lowest level of conducted noise and the best input current waveform.
The disadvantage of the boost regulator is the high output voltage required. The output voltage must be greater
than the highest expected peak input voltage.
The boost regulator input current must be forced or programmed to be proportional to the input voltage waveform
for power factor correction. Feedback is necessary to control the input current and either peak current mode
control or average current mode control may be used. Both techniques may be implemented with the UC3854.
8.2 Functional Block Diagram
8.3 Feature Description
The UC2854B is designed as a pin compatible upgrade to the industry standard UC2854 active power factor
correction circuits. The circuit enhancements allow the user to eliminate in most cases several external
components currently required to successfully apply the UC2854. In addition, linearity improvements to the
multiply, square and divide circuitry optimizes overall system performance. Detailed descriptions of the circuit
enhancements are provided below. For in-depth design applications reference data see the application notes,
UC2854 Controlled Power Factor Correction Circuit Design (SLUA144) and UC2854A and UC2854B Advanced
Power Factor Correction Control ICs (SLUA177).
8.3.1 Multiply/Square and Divide
The UC2854B multiplier design maintains the same gain constant
as the UC2854. The relationship
between the inputs and output current is given as:
10
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: UC2854B-EP


Similar Part No. - UC2854B-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2854B-EP TI1-UC2854B-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   Advanced High-Power Factor Preregulator
More results

Similar Description - UC2854B-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2854B-EP TI1-UC2854B-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   Advanced High-Power Factor Preregulator
UC1854B TI-UC1854B Datasheet
455Kb / 16P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_15 Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_13 Datasheet
741Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI1-UC2854B-EP Datasheet
263Kb / 13P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com