Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3207A Datasheet(PDF) 8 Page - ON Semiconductor

Part # ADP3207A
Description  CPU Synchronous Buck Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3207A Datasheet(HTML) 8 Page - ON Semiconductor

Back Button ADP3207A Datasheet HTML 4Page - ON Semiconductor ADP3207A Datasheet HTML 5Page - ON Semiconductor ADP3207A Datasheet HTML 6Page - ON Semiconductor ADP3207A Datasheet HTML 7Page - ON Semiconductor ADP3207A Datasheet HTML 8Page - ON Semiconductor ADP3207A Datasheet HTML 9Page - ON Semiconductor ADP3207A Datasheet HTML 10Page - ON Semiconductor ADP3207A Datasheet HTML 11Page - ON Semiconductor ADP3207A Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADP3207A
Rev. 1 | Page 8 of 28 | www.onsemi.com
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
10
9
8
7
6
5
4
3
2
1
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
20
19
18
17
16
15
14
13
12
11
EN
PWRGD
PMON
FBRTN
FB
COMP
SS
STSET
DPRSLP
CLKEN
TTSENSE
VRTT
DCM
PWM2
PWM3
SW1
SW2
SW3
PWM1
OD
PIN 1
INDICATOR
ADP3207A
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
EN
Power Supply Enable Input. Pulling this pin to GND disables the PWM outputs and pulls the PWRGD output low.
2
PWRGD
Power-Good Output. Open-drain output that signals when the output voltage is outside of the proper operating
range. The pull-high voltage on this pin cannot be higher than VCC.
3
PMON
Power Monitor Output. After RC filter, the signal is proportional to the total output power of the buck converter.
4
CLKEN
Clock Enable Output. The pull-high voltage on this pin cannot be higher than VCC.
5
FBRTN
Feedback Return. VID DAC and error amplifier reference for remote sensing of the output voltage.
6
FB
Feedback Input. Error amplifier input for remote sensing of the output voltage.
7
COMP
Error Amplifier Output and Compensation Point.
8
SS
Soft-Start Delay Setting Input. An external capacitor connected between this pin and GND sets the soft-start
ramp-up time and the current-limit, latch-off delay time.
9
STSET
Soft Transient Slew Rate Timing Input. A capacitor from this pin to GND sets the slew rate of the output voltage
when transitioning between the boot voltage and the programmed VID voltage, and when transitioning
between active mode and deeper sleep mode.
10
DPRSLP
Deeper Sleep Control Input.
11
ILIMIT
Current-Limit Setpoint. An external resistor from this pin to GND sets the current-limit threshold of the converter.
12
VRPM
RPM Mode Reference Voltage Output.
13
RRPM
RPM Mode Timing Control Input. A resistor between this pin and VRPM sets the RPM mode turn-on threshold voltage.
14
RT
Multiphase Frequency Setting Input. An external resistor connected between this pin and GND sets the oscillator
frequency of the device when operating in multiphase PWM mode.
15
RAMPADJ
PWM Ramp Current Input. An external resistor from the converter input voltage to this pin sets the internal PWM
ramp.
16
LLSET
Output Load Line Programming Input. The center point of a resistor divider between CSREF and CSCOMP is
connected to this pin to set the load line slope.
17
CSREF
Current-Sense Reference Voltage Input. The voltage on this pin is used as the reference for the current-sense
amplifier and the power-good and crowbar functions. This pin should be connected to the common point of the
output inductors.
18
CSSUM
Current-Sense Summing Node. External resistors from each switch node to this pin sum the inductor currents
together to measure the total output current.
19
CSCOMP
Current-Sense Compensation Point. A resistor and capacitor from this pin to CSSUM determine the gain of the
current-sense amplifier and the positioning loop response time.


Similar Part No. - ADP3207A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
ADP3207CFJCPZ-RL ONSEMI-ADP3207CFJCPZ-RL Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
ADP3207CJCPZ-RL ONSEMI-ADP3207CJCPZ-RL Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
ADP3207D ONSEMI-ADP3207D Datasheet
494Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
More results

Similar Description - ADP3207A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Cherry Semiconductor Co...
CS5157 CHERRY-CS5157 Datasheet
316Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
logo
ON Semiconductor
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS5165H ONSEMI-CS5165H Datasheet
722Kb / 21P
   5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 5
logo
Cherry Semiconductor Co...
CS5150 CHERRY-CS5150 Datasheet
236Kb / 14P
   CPU 4-Bit Synchronous Buck Controller
CS5155H CHERRY-CS5155H Datasheet
238Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
CS5150H CHERRY-CS5150H Datasheet
322Kb / 14P
   CPU 4-Bit Synchronous Buck Controller
logo
ON Semiconductor
CS5150 ONSEMI-CS5150 Datasheet
631Kb / 18P
   CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5157H ONSEMI-CS5157H Datasheet
432Kb / 16P
   CPU 5?묪it Synchronous Buck Controller
October, 2005 ??Rev. 7
CS5155H ONSEMI-CS5155H Datasheet
623Kb / 17P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com