Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3207JCPZ-RL Datasheet(PDF) 1 Page - ON Semiconductor

Part # ADP3207JCPZ-RL
Description  CPU Synchronous Buck Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3207JCPZ-RL Datasheet(HTML) 1 Page - ON Semiconductor

  ADP3207JCPZ-RL Datasheet HTML 1Page - ON Semiconductor ADP3207JCPZ-RL Datasheet HTML 2Page - ON Semiconductor ADP3207JCPZ-RL Datasheet HTML 3Page - ON Semiconductor ADP3207JCPZ-RL Datasheet HTML 4Page - ON Semiconductor ADP3207JCPZ-RL Datasheet HTML 5Page - ON Semiconductor ADP3207JCPZ-RL Datasheet HTML 6Page - ON Semiconductor ADP3207JCPZ-RL Datasheet HTML 7Page - ON Semiconductor ADP3207JCPZ-RL Datasheet HTML 8Page - ON Semiconductor ADP3207JCPZ-RL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
7-Bit Programmable Multiphase Mobile
CPU Synchronous Buck Controller
ADP3207
©2008 SCILLC. All rights reserved.
Publication Order Number:
February 2008 – Rev. 1
ADP3207/D
FEATURES
1-, 2-, or 3-phase operation at up to 750 kHz per phase
±8 mV worst-case differential sensing error over
temperature
Interleaved PWM outputs for driving external high power
MOSFET drivers
Automatic power-saving modes maximize efficiency during
light load and deeper sleep operation
Soft transient control reduces inrush current and audio noise
Active current balancing between output phases
Independent current limit and load line setting inputs for
additional design flexibility
Built-in power-good masking supports VID on-the-fly
7-bit digitally programmable 0.3 V to 1.5 V output
Overload and short-circuit protection with programmable
latch-off delay
Built-in clock enable output delays CPU clock until CPU
supply voltage stabilizes
APPLICATIONS
Notebook power supplies for next generation Intel®
processors
GENERAL DESCRIPTION
The ADP32071 is a high efficiency, multiphase, synchronous,
buck-switching regulator controller optimized for converting
notebook battery voltage into the core supply voltage required
by high performance Intel processors. The part uses an internal
7-bit DAC to read voltage identification (VID) code directly
from the processor that sets the output voltage. The phase
relationship of the output signals can be programmed to
provide 1-, 2-, or 3-phase operation, allowing for the
construction of up to three interleaved buck-switching stages.
The ADP3207 uses a multimode architecture to drive the logic-
level PWM outputs at a programmable switching frequency that
can be optimized depending on the output current requirement.
The part switches between multiphase and single-phase operation
to maximize its effectiveness under all load conditions. In addition,
the ADP3207 includes a programmable slope function to adjust
the output voltage as a function of the load current. As a result,
it is always best positioned for a system transient.
1 Patent 6,683,441.
FUNCTIONAL BLOCK DIAGRAM
RT
RRPM
RAMPADJ
VRPM
VCC
DELAY
UVLO
SHUTDOWN
AND BIAS
THERMAL
THROTTLING
CONTROL
OSCILLATOR
GND
ADP3207
EN
PWRGD
ILIMIT
PGDELAY
CLKEN
VRTT
PWM2
FB
DPRSLP
STSET
SS
PWM3
SW1
CSSUM
CSCOMP
LLSET
SW2
SW3
CSREF
PWM1
COMP
VID
DAC
CURRENT
LIMIT
CIRCUIT
CROWBAR
CURRENT LIMIT
SOFT START/
BOOT/
DEEPER
SLEEP
CONTROL
DAC + 200mV
DAC – 300mV
CSREF
1.7V
CSREF
12
13
14
15
23
22
21
19
18
17
33
32
10
9
28
8
27
31
20
1
30
29
3
2
11
4
7
TTSENSE
25
24
1/2/3 – PHASE
DRIVER
LOGIC
SET
RESET
RESET
RESET
EN
26
CMP
CMP
CMP
16
+
6
5
34 35 36 37 38 39 40
SOFT
START
+
+
+
+
CURRENT
BALANCING
CIRCUIT
PRECISION
REFERENCE
DPRSTP
PSI
OD
DCM
Figure 1.
The chip also provides accurate and reliable short-circuit
protection, adjustable current limiting, and a delayed power-
good output that accommodates on-the-fly output voltage
changes requested by the CPU.
The ADP3207 is specified over the extended commercial
temperature range of 0°C to 100°C and is available in a 40-lead
LFCSP package.


Similar Part No. - ADP3207JCPZ-RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207AJCPZ-RL ONSEMI-ADP3207AJCPZ-RL Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
ADP3207CFJCPZ-RL ONSEMI-ADP3207CFJCPZ-RL Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
ADP3207CJCPZ-RL ONSEMI-ADP3207CJCPZ-RL Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
More results

Similar Description - ADP3207JCPZ-RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Cherry Semiconductor Co...
CS5157 CHERRY-CS5157 Datasheet
316Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
logo
ON Semiconductor
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS5165H ONSEMI-CS5165H Datasheet
722Kb / 21P
   5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 5
logo
Cherry Semiconductor Co...
CS5150 CHERRY-CS5150 Datasheet
236Kb / 14P
   CPU 4-Bit Synchronous Buck Controller
CS5155H CHERRY-CS5155H Datasheet
238Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
CS5150H CHERRY-CS5150H Datasheet
322Kb / 14P
   CPU 4-Bit Synchronous Buck Controller
logo
ON Semiconductor
CS5150 ONSEMI-CS5150 Datasheet
631Kb / 18P
   CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5157H ONSEMI-CS5157H Datasheet
432Kb / 16P
   CPU 5?묪it Synchronous Buck Controller
October, 2005 ??Rev. 7
CS5155H ONSEMI-CS5155H Datasheet
623Kb / 17P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com